Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7121IMX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7121IMX
Description  235 MHz Tiny Low Power Voltage Feedback Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7121IMX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM7121IMX Datasheet HTML 1Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 2Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 3Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 4Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 5Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 6Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 7Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 8Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
±5V AC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = −5V, V
CM = VO = 0V and RL > 1MΩ. Bold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LM7121I
Units
Limit
(Note 6)
φ
D
Differential Phase
A
V = +2, RL = 150Ω
0.65
Deg
e
n
Input-Referred
f = 10 kHz
17
Voltage Noise
i
n
Input-Referred
f = 10 kHz
2
Current Noise
T.H.D.
Total Harmonic Distortion
2 V
PP Output, RL = 150Ω,
0.1
%
A
V = +2, f = 1 MHz
2V
PP Output, RL = 150Ω,
0.6
A
V = +2, f = 5 MHz
+5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +5V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ. Bold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LM7121I
Units
Limit
(Note 6)
V
OS
Input Offset Voltage
2.4
mV
I
B
Input Bias Current
4
µA
I
OS
Input Offset Current
0.04
µA
R
IN
Input Resistance
Common Mode
2.6
M
Ω
Differential Mode
3.4
M
Ω
C
IN
Input Capacitance
Common Mode
2.3
pF
CMRR
Common Mode
2V
≤ V
CM ≤ 3V
65
dB
Rejection Ratio
+PSRR
Positive Power Supply
4.6V
≤ V+ ≤ 5V
85
dB
Rejection Ratio
−PSRR
Negative Power Supply
0V
≤ V− ≤ 0.4V
61
dB
Rejection Ratio
V
CM
Input Common-Mode
CMRR
≥ 45 dB
3.5
V
Voltage Range
min
1.5
V
max
A
V
Large Signal
R
L = 2kΩ to V
+/2
64
dB
Voltage Gain
V
O
Output Swing
R
L = 2kΩ to V
+/2, High
3.7
V
R
L = 2kΩ to V
+/2, Low
1.3
R
L = 150Ω to V
+/2, High
3.48
R
L = 150Ω to V
+/2, Low
1.59
I
SC
Output Short Circuit
Sourcing
33
mA
Current
Sinking
20
mA
I
S
Supply Current
4.8
mA
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com