Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXB7846EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MXB7846EEE
Description  2.375V to 5.25V, 4-Wire Touch-Screen Controller with Internal Reference and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7846EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MXB7846EEE Datasheet HTML 1Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 2Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 3Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 4Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 5Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 6Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 7Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 8Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Typical Operating Characteristics
(VDD = 2.7V, VREF = 2.5VEXTERNAL, fDCLK = 2MHz, fSAMPLE = 125kHz, CLOAD = 50pF, 0.1µF capacitor at REF, TA = +25°C, unless
otherwise noted.)
2.375V to 5.25V, 4-Wire Touch-Screen Controller
with Internal Reference and Temperature Sensor
_______________________________________________________________________________________
5
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
OUTPUT CODE
3500
3000
2000 2500
1000 1500
500
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.4
0
4000
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
OUTPUT CODE
3500
3000
2000 2500
1000 1500
500
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
-0.8
0
4000
CHANGE IN OFFSET ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
3.0
3.5
4.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
2.5
5.5
CHANGE IN OFFSET ERROR
vs. TEMPERATURE
TEMPERATURE (°C)
65
50
35
20
5
-10
-25
-0.5
0
0.5
1.0
-1.0
-40
80
CHANGE IN GAIN ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
-2
-1
0
1
2
3
-3
2.5
5.5
CHANGE IN GAIN ERROR
vs. TEMPERATURE
TEMPERATURE (°C)
65
50
35
20
5
-10
-25
-1.5
-1.0
-0.5
0
0.5
1.0
-2.0
-40
80
SWITCH ON-RESISTANCE vs. SUPPLY VOLTAGE
(X+, Y+ : +VDD TO PIN; X-, Y- : TO GND)
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2
4
6
8
10
12
14
0
2.5
5.5
X-
Y-
X+
Y+
SWITCH ON-RESISTANCE vs. TEMPERATURE
(X+, Y+ : +VDD TO PIN; X-, Y- : PIN TO GND)
TEMPERATURE (°C)
35
20
5
-10
-25
2
1
3
7
6
5
4
8
9
10
11
12
0
-40
50
65
80
X-
Y-
X+
Y+
INTERNAL REFERENCE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.1
2.2
2.3
2.4
2.5
2.6
2.0
2.0
5.5
CL = 0.1µf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com