Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4500-2ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4500-2ACPZ-R7
Description  10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4500-2ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4500-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ADA4500-2
Data Sheet
Rev. A | Page 12 of 24
TA = 25°C, unless otherwise noted.
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
SUPPLY VOLTAGE (V)
+25°C
+85°C
–40°C
ADA4500-2
+125°C
Figure 23. Supply Current per Amp vs. Supply Voltage
FREQUENCY (Hz)
RL = 10kΩ
CL = 20pF
VSY = 2.7V
VCM = VSY/2
ADA4500-2
150
100
50
0
–50
–100
150
100
50
0
–50
–100
100
1k
10k
100k
1M
10M
100M
PHASE
GAIN
Figure 24. Open-Loop Gain and Phase vs. Frequency, VSY = 2.7 V
60
40
20
0
–20
50
30
10
–10
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
ADA4500-2
VSY = 2.7V
VCM = VSY/2
AV = +100
AV = +10
AV = +1
Figure 25. Closed Loop Gain vs. Frequency, VSY = 2.7 V
2.0
1.8
1.6
1.4
1.2
1.0
–50
–25
0
25
50
75
100
150
125
TEMPERATURE (°C)
VSY = ±2.5V
VSY = ±1.35V
ADA4500-2
Figure 26. Supply Current per Amp vs. Temperature
FREQUENCY (Hz)
RL = 10kΩ
CL = 20pF
VSY = 5.0V
VCM = VSY/2
PHASE
GAIN
ADA4500-2
150
100
50
0
–50
–100
150
100
50
0
–50
–100
100
1k
10k
100k
1M
10M
100M
Figure 27. Open-Loop Gain and Phase vs. Frequency, VSY = 5.0 V
60
40
20
0
–20
50
30
10
–10
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
ADA4500-2
VSY = 5.0V
VCM = VSY/2
AV = +100
AV = +10
AV = +1
Figure 28. Closed-Loop Gain vs. Frequency, VSY = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com