Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4051-2ARMZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4051-2ARMZ-R7
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2ARMZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4051-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet
ADA4051-1/ADA4051-2
Rev. C | Page 7 of 22
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
±VSY ± 0.3 V
Input Current1
±10 mA
Differential Input Voltage2
±VSY
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
1
The input pins have clamp diodes to the power supply pins. Limit the input
current to 10 mA or less whenever input signals exceed the power supply
rail by 0.3 V.
2
Inputs are protected against high differential voltages by internal series
1.33 kΩ resistors and back-to-back diode-connected N-MOSFETs (with a
typical VT of 0.7 V for VCM of 0 V).
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered on a circuit board for surface-mount packages with its
exposed paddle soldered to a pad, if applicable. Table 5 shows
simulated thermal values for a 4-layer (2S2P) JEDEC standard
thermal test board, unless otherwise specified.
Table 5. Thermal Resistance
Package Type
θJA
Unit
5-Lead SOT-23 (RJ-5)
190
°C/W
5-Lead SC-70 (KS-5)
534
°C/W
8-Lead MSOP (RM-8)
142
°C/W
8-Lead LFCSP (CP-8-13)
1-Layer JEDEC Board
272
°C/W
2-Layer JEDEC Board
145
°C/W
2-Layer JEDEC Board with 2 × 2 Vias
55
°C/W
POWER SEQUENCING
The op amp supplies must be established simultaneously with
or before any input signals are applied. If this is not possible, the
input current must be limited to 10 mA.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com