Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4898-2YRDZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4898-2YRDZ-R7
Description  High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4898-2YRDZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4898-2YRDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 13Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADA4898-1/ADA4898-2
Data Sheet
G = +1
G = +2
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
TIME (20ns/DIV)
VOUT = 100mV p-p
RL=1kΩ
VS = ±15V
Figure 25. Small Signal Transient Response for Various Gains
–0.5
0
0.5
1.0
1.5
2.0
2.5
VS = ±15V
VS = ±5V
TIME (100ns/DIV)
VOUT = 2V p-p
G = +1
RL = 100Ω
Figure 26. Large Signal Transient Response for
Various Supply Voltages, RL = 100 Ω
INPUT
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
TIME (10ns/DIV)
G = +1
RL = 1kΩ
VOUT = 5V p-p
VS = ±15V
Δt = 85ns
OUTPUT
Figure 27. Settling Time
–0.5
0
0.5
1.0
1.5
2.0
2.5
TIME (100ns/DIV)
VOUT = 2V p-p
G = +1
RL= 1kΩ
VS = ±15V
VS = ±5V
Figure 28. Large Signal Transient Response for
Various Supply Voltages, RL = 1 kΩ
–0.5
0
0.5
1.0
1.5
2.0
2.5
G = +1
TIME (100ns/DIV)
VOUT = 2V p-p
RL = 1kΩ
VS = ±15V
G = +2
Figure 29. Large Signal Transient Response for Various Gains
0.1
10k
1k
100
10
1
FREQUENCY (Hz)
100k
1M
100M
10M
PD HIGH
G = +1
RF = 0Ω
VS = ±15V
PD LOW
Figure 30. Output Impedance vs. Frequency
Rev. E | Page 10 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com