Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4637-1ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4637-1ACPZ-R7
Description  30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4637-1ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADA4637-1ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADA4627-1/ADA4637-1
Rev. F | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—30 V OPERATION
VSY = ±15 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 2.
B Grade
A Grade
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage1
VOS
70
200
120
300
µV
−40°C ≤ TA ≤ +85°C
350
410
µV
−40°C ≤ TA ≤ +125°C
400
660
µV
Offset Voltage Drift,
Average
∆VOS/∆T
−40°C ≤ TA ≤ +125°C
1
2
1
3
µV/°C
Power Supply Rejection
Ratio
PSRR
VSY = ±4.5 V to ±18 V
106
112
103
108
dB
−40°C ≤ TA ≤ +125°C
101
99
dB
Input Bias Current2
IB
1
5
1
5
pA
−40°C ≤ TA ≤ +85°C
0.5
0.5
nA
−40°C ≤ TA ≤ +125°C
2
2
nA
Input Offset Current
IOS
0.5
5
0.5
5
pA
−40°C ≤ TA ≤ +85°C
0.5
0.5
nA
−40°C ≤ TA ≤ +125°C
2
2
nA
NOISE PERFORMANCE
Voltage Noise Density
en
f = 10 Hz
16.5
40
16.5
40
nV/√Hz
f = 100 Hz
7.9
20
7.9
20
nV/√Hz
f = 1 kHz
6.1
8
6.1
8
nV/√Hz
f = 10 kHz
4.8
6
4.8
6
nV/√Hz
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.7
1.6
0.7
1.6
µV p-p
Current Noise Density
in
f = 100 Hz
1.6
2.5
fA/√Hz
Current Noise
in p-p
0.1 Hz to 10 Hz
30
48
fA p-p
Input Resistance
RIN
10
10
TΩ
Input Capacitance,
Differential Mode
CINDM
8
8
pF
Input Capacitance,
Common Mode
CINCM
7
7
pF
Input Voltage Range
IVR
−11
+11
−11
+11
V
−40°C ≤ TA ≤ +125°C
−10.5
+10.5
−10.5
+10.5
V
Common-Mode
Rejection Ratio
CMRR
TA = 25°C, VCM = −11 V to +11 V
106
116
100
110
dB
−40°C ≤ TA ≤ +125°C,
98
97
VCM = −10.5 V to +10.5 V
dB
Large Signal Voltage Gain
AVO
RL = 1 kΩ, VO = −10 V to +10 V
112
120
106
120
dB
−40 ≤ TA ≤ +85°C
110
104
dB
−40 ≤ TA ≤ +125°C
102
100
dB
DYNAMIC PERFORMANCE
Slew Rate ADA4627-1
SR
±10 V step, RL = 1 kΩ,
CL = 100 pF, AV = +1
40
56/783
40
56/783
V/µs
SR
±10 V step, RL = 1 kΩ, CL = 100 pF,
Rs = Rf = 1 kΩ, AV = −1
40
82/843
40
82/843
V/µs
Slew Rate ADA4637-1
SR
±10 V out, Cf = 4.8 pF, AV = −4
170
170
V/µs
SR
±10 V out, Cf = 4.8 pF, AV = +5
170
170
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com