Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP910 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP910
Description  PIN SILICON PHOTODIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP910 Datasheet(HTML) 2 Page - OPTEK Technologies

  OP910 Datasheet HTML 1Page - OPTEK Technologies OP910 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type OP910
Op tek re serves the right to make changes at any time in or der to im prove de sign and to sup ply the best prod uct pos si ble.
Op tek Tech nol ogy, Inc.
1215 W. Crosby Road
Car roll ton, Texas 75006
(972)323- 2200
Fax (972)323-2396
ElectricalCharacteristics (TA = 25
o C un less oth er wise noted)
SYMBOL
PARAMETER
MIN
TYP MAX UNITS
TEST CON DI TIONS
IL
Light Current
10
13
µA
VR = 20 V, Ee = .50 mW/cm
2 note
2,3
ID
Dark Current
1
10
nA
VR = 20 V, Ee = 0.0
V(BR)R
Reverse Voltage Breakdown
100
V
IR = 100 µA
tr
Rise Time
10
nS
VR = 20 V, RL = 50 OHMS
tf
Fall Time
10
nS
VR = 20 V, RL = 50 OHMS
∅
Half Angle
+/- 12
degr.
IF = Constant
CP
Capacitance
13
pF
VR = 0 V, F = 1 Mhz, Ee = 0
Typi cal Per form ance Curves
Normalized Light Current vs
Reverse Voltage
VR - Reverse Voltage - V
TA = 25
o C
λ = 935 nm
Total Capacitance vs
Reverse Voltage
VR - Reverse Voltage - V
TA = 25
o C
Ee = 0 mW/cm
2
f = 1 MHz
Normalized Light and Dark
Current vs Ambient Temperature
TA - Ambient Temperature -
o C
VR = 5 V
λ = 935 nm
Normalized to TA = 25
o C
Dark Current
Light Current
Light Current vs Irradiance
Switching Time Test Circuit
3-71
Ee - Irradiance - mW/cm
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com