Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM725 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM725
Description  Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM725 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM725 Datasheet HTML 1Page - National Semiconductor (TI) LM725 Datasheet HTML 2Page - National Semiconductor (TI) LM725 Datasheet HTML 3Page - National Semiconductor (TI) LM725 Datasheet HTML 4Page - National Semiconductor (TI) LM725 Datasheet HTML 5Page - National Semiconductor (TI) LM725 Datasheet HTML 6Page - National Semiconductor (TI) LM725 Datasheet HTML 7Page - National Semiconductor (TI) LM725 Datasheet HTML 8Page - National Semiconductor (TI) LM725 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM725
Operational Amplifier
General Description
The LM725/LM725A/LM725C are operational amplifiers fea-
turing superior performance in applications where low noise,
low drift, and accurate closed-loop gain are required. With
high common mode rejection and offset null capability, it is
especially suited for low level instrumentation applications
over a wide supply voltage range.
The LM725A has tightened electrical performance with
higher input accuracy and like the LM725, is guaranteed
over a −55˚C to +125˚C temperature range. The LM725C
has slightly relaxed specifications and has its performance
guaranteed over a 0˚C to 70˚C temperature range.
Features
n High open loop gain
3,000,000
n Low input voltage drift
0.6 µV/˚C
n High common mode rejection
120 dB
n Low input noise current
0.15 pA/
√Hz
n Low input offset current
2 nA
n High input voltage range
±14V
n Wide power supply range
±3V to ±22V
n Offset null capability
n Output short circuit protection
Connection Diagrams
Metal Can Package
DS010474-1
Order Number LM725H/883, LM725CH
or LM725AH/883
See NS Package Number H08C
Dual-In-Line Package
DS010474-2
Order Number LM725CN
See NS Package Number N08E
May 1998
© 1999 National Semiconductor Corporation
DS010474
www.national.com


Similar Part No. - LM725

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM720Z SEOUL-LM720Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LM721 SEOUL-LM721 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM721 SEOUL-LM721 Datasheet
360Kb / 13P
CYAN LAMP LED
LM721 SEOUL-LM721 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM721 SEOUL-LM721 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LM725

ManufacturerPart #DatasheetDescription
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
LT1222 LINER-LT1222_15 Datasheet
261Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM741 TI1-LM741 Datasheet
815Kb / 18P
Operational Amplifier
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com