Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLF4012AT-2R2M Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # VLF4012AT-2R2M
Description  High efficiency : 96% (Max)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

VLF4012AT-2R2M Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button VLF4012AT-2R2M Datasheet HTML 13Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 14Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 15Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 16Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 17Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 18Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 19Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 20Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
MB39C015
Document Number: 002-08364 Rev. *A
Page 17 of 43
The IC's control circuit loss (PCONT) is extremely small, less than 100 mW (with no load).
As the IC contains FETs which can switch faster with less power, the continuity loss (PC) is more predominant as the loss during heavy-
load operation than the control circuit loss (PCONT) and switching loss (PSW) .
Furthermore, the continuity loss (PC) is divided roughly into the loss by internal SW FET ON-resistance and by external inductor series
resistance.
PC = IOUT2 × (RDC + D × RONP + (1 - D) × RONN)
D
: Switching ON-duty cycle ( = VOUT / VIN)
RONP
: Internal P-ch SW FET ON resistance
RONN
: Internal N-ch SW FET ON resistance
RDC
: External inductor series resistance
IOUT
: Load current
The above formula indicates that it is important to reduce RDC as much as possible to improve efficiency by selecting
components.
10.4 Power dissipation and heat considerations
The IC is so efficient that no consideration is required in most cases. However, if the IC is used at a low power supply voltage, heavy
load, high output voltage, or high temperature, it requires further consideration for higher efficiency.
The internal loss (P) is roughly obtained from the following formula :
P = IOUT2 × (D × RONP + (1 - D) × RONN)
D
: Switching ON-duty cycle ( = VOUT / VIN)
RONP
: Internal P-ch SW FET ON resistance
RONN
: Internal N-ch SW FET ON resistance
IOUT
: Output current
The loss expressed by the above formula is mainly continuity loss. The internal loss includes the switching loss and the control circuit
loss as well but they are so small compared to the continuity loss they can be ignored.
In this IC with RONP greater than RONN, the larger the on-duty cycle, the greater the loss.
When assuming VIN
3.7 V, Ta   70 °C , for example, RONP 0.36 Ω and RONN 0.30 Ω according to the graph “MOS FET
ON resistance vs. Operating ambient temperature”. The IC's internal loss P is 123 mW at VOUT
2.5 V and IOUT 0.6 A. According
to the graph “Power dissipation vs. Operating ambient temperature”, the power dissipation at an operating ambient temperature Ta
of
70 °C is 300 mW and the internal loss is smaller than the power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com