Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBS005 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # SBS005
Description  Power Supply Application
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SBS005 Datasheet(HTML) 1 Page - Cypress Semiconductor

  SBS005 Datasheet HTML 1Page - Cypress Semiconductor SBS005 Datasheet HTML 2Page - Cypress Semiconductor SBS005 Datasheet HTML 3Page - Cypress Semiconductor SBS005 Datasheet HTML 4Page - Cypress Semiconductor SBS005 Datasheet HTML 5Page - Cypress Semiconductor SBS005 Datasheet HTML 6Page - Cypress Semiconductor SBS005 Datasheet HTML 7Page - Cypress Semiconductor SBS005 Datasheet HTML 8Page - Cypress Semiconductor SBS005 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MB39A112EVB-01
Power Supply Application
Evaluation Board Datasheet
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-08322 Rev. *A
Revised November 22, 2016
The MB39A112 evaluation board is a surface mount circuit board with 3 channels of down conversion circuit. This evaluation board
outputs voltage of 1.2 V, 3.3 V and 5.0 V from the output terminals of 3 systems, and supplying a current of Max 1.5 A. More ever,
when the under voltage lockout protection circuit do operation or the short-circuit protection is detected by the protection function, the
FET is turned off and the output is stopped. In addition, each channel can be controlled to be turned on and off, and can be set for a
soft-start.
Evaluation Board Specifications
(Ta
  25 C)
Parameter
Terminal
Value
Unit
Min
Typ
Max
Input voltage
VIN
7
12
20
V
Oscillation frequency
2115
2350
2585
kHz
Output voltage
CH1
VO1
1.14
1.2
1.26
V
CH2
VO2
3.13
3.3
3.47
V
CH3
VO3
4.75
5.0
5.25
V
Ripple voltage
CH1
VO1
6
12
24
mV
CH2
VO2
16
33
64
mV
CH3
VO3
25
50
100
mV
Output current
CH1
VO1
800
1200
1500
mA
CH2
VO2
150
500
1000
mA
CH3
VO3
150
200
300
mA
Soft-start time
CH1
6.3
10
18.6
ms
CH2
7.8
12
22.8
ms
CH3
7.8
12
22.8
ms
Short-circuit detection time
430
720
1420
s


Similar Part No. - SBS005

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBS005 SANYO-SBS005 Datasheet
36Kb / 3P
30V, 1A Rectifier
More results

Similar Description - SBS005

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U2GWJ44 TOSHIBA-U2GWJ44 Datasheet
160Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATION
5DL2CZ47A TOSHIBA-5DL2CZ47A_06 Datasheet
397Kb / 5P
SWITCHING MODE POWER SUPPLY APPLICATION
5JLZ47A TOSHIBA-5JLZ47A_06 Datasheet
238Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATION
20DL2C48A TOSHIBA-20DL2C48A_06 Datasheet
345Kb / 6P
SWITCHING MODE POWER SUPPLY APPLICATION
20DL2CZ47A TOSHIBA-20DL2CZ47A_06 Datasheet
307Kb / 5P
SWITCHING MODE POWER SUPPLY APPLICATION
20FWJ2C48M TOSHIBA-20FWJ2C48M_06 Datasheet
333Kb / 5P
SWITCHING MODE POWER SUPPLY APPLICATION
20FWJ2CZ47M TOSHIBA-20FWJ2CZ47M_06 Datasheet
303Kb / 5P
SWITCHING MODE POWER SUPPLY APPLICATION
logo
Shenzhen Taychipst Elec...
05NH46 TAYCHIPST-05NH46 Datasheet
5Mb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION
05NU41 TAYCHIPST-05NU41 Datasheet
5Mb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION
logo
Toshiba Semiconductor
U5FWK2C42 TOSHIBA-U5FWK2C42 Datasheet
184Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com