Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYIFS741 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYIFS741
Description  Reduces Systemic EMI.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYIFS741 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYIFS741 Datasheet HTML 9Page - Cypress Semiconductor CYIFS741 Datasheet HTML 10Page - Cypress Semiconductor CYIFS741 Datasheet HTML 11Page - Cypress Semiconductor CYIFS741 Datasheet HTML 12Page - Cypress Semiconductor CYIFS741 Datasheet HTML 13Page - Cypress Semiconductor CYIFS741 Datasheet HTML 14Page - Cypress Semiconductor CYIFS741 Datasheet HTML 15Page - Cypress Semiconductor CYIFS741 Datasheet HTML 16Page - Cypress Semiconductor CYIFS741 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
CYIFS741
Document Number: 001-73430 Rev. *A
Page 13 of 19
Application Notes and Schematics
The schematic diagram shown below is a simple minimum component application example of an CYIFS741 design.
Figure 11. Simple minimum component application example of an CYIFS741 design [5]
Figure 12 is the equivalent internal oscillator circuit used in the
CYIFS741.
Figure 12. Equivalent oscillator circuit used in the CYIFS741
Calculating dB Reduction
The dB reduction for a given frequency and spread can be
calculated using a simple formula. This formula is only helpful in
determining a relative dB reduction for a given application. This
formula assumes an ideal clock with 50% duty cycle and
therefore only predicts the EMI reduction of odd harmonics.
Other circumstances such as non-ideal clock and noise will affect
the actual dB reduction. The formula is as follows;
dB = 6.5 + 9(Log10(F)) + 9(Log10(P))
Where; F = Frequency in MHz, P = total % spread (2.5% = 0.025)
Using a 50 MHz clock with a 2.5% spread, the theoretical dB
reduction would be;
dB @ 50 MHz (Fund) = 6.5 + 15.29 – 14.42 = 7.37
dB @ 150 MHz (3rd) = 6.5 + 19.58 – 14.42 = 11.66
dB @ 550 MHz (11th) = 6.5 + 24.66 – 14.42 = 16.74
CYIFS741
Note
5. C3 and C4 values assume a first order crystal with CL = 17 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com