Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F577BH Datasheet(PDF) 55 Page - Cypress Semiconductor

Part # MB91F577BH
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577BH Datasheet(HTML) 55 Page - Cypress Semiconductor

Back Button MB91F577BH Datasheet HTML 51Page - Cypress Semiconductor MB91F577BH Datasheet HTML 52Page - Cypress Semiconductor MB91F577BH Datasheet HTML 53Page - Cypress Semiconductor MB91F577BH Datasheet HTML 54Page - Cypress Semiconductor MB91F577BH Datasheet HTML 55Page - Cypress Semiconductor MB91F577BH Datasheet HTML 56Page - Cypress Semiconductor MB91F577BH Datasheet HTML 57Page - Cypress Semiconductor MB91F577BH Datasheet HTML 58Page - Cypress Semiconductor MB91F577BH Datasheet HTML 59Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 55 of 163
MB91570 Series
Low-power Consumption Mode
To transit to the sleep mode, watch mode, stop mode, watch mode(power-off) or stop mode(power-off), follow the procedure
explained in the "Activating the sleep mode, watch mode, or stop mode" or the "Activating the watch mode (power-off) or stop
mode(power-off)" of "POWER CONSUMPTION CONTROL" in Hardware Manual.
Take the following notes when using a monitor debugger.
Do not set a break point for the low-power consumption transition program.
Do not execute an operation step for the low-power consumption transition program.
Precautions when writing to registers including the status flag
When writing a function control data in the register that has a status flag (especially, an interrupt request flag), taking care not to
clear its status flag erroneously must be followed.
The program must be written not to clear the flag to the status bit, and then to set the control bits to have the desired value.
Especially, if multiple control bits are used, the bit instruction cannot be used. (The bit instruction can access to a single bit only.) By
the Byte, Half-word, or Word access, writing data in the control bits and status flag simultaneously is done. During this time, take
care not to clear other bits (in this case, the bits of status flag) erroneously.
Note: These points can be ignored because the bit instructions to a register which supports RMW are already taken the points into
consideration. Care must be taken when the bit instruction is used to a register which does not support RMW.
No-connected-pin
The product of LQFP-208 has some no-connected-pin which is not connected to any function on die. Pins are recommended to be
pulled-up or pulled-down on the extern circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com