Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F575CPMC Datasheet(PDF) 56 Page - Cypress Semiconductor

Part # MB91F575CPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F575CPMC Datasheet(HTML) 56 Page - Cypress Semiconductor

Back Button MB91F575CPMC Datasheet HTML 52Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 53Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 54Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 55Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 56Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 57Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 58Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 59Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 60Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 56 of 163
MB91570 Series
9. Block Diagram
Note: In this series, the HS-SPI function is prohibited
From Ma ste r
To Slave
From Ma ste r
To Slave
MD 0,MD 1,MD 2,P 12 7
WO T
NMIX
A DTG,A N0-39
A DC ena bled (A DER)
DA O0-1
RS TX
V0- 3,
ST 0- 8, CO M0- 3,
SEG 0- 31
SPI_CS0-3,
SPI_CLK,
SPI_SIO0-3
RX0-2,
TX0-2
A IN0-1,BIN0-1,Z IN0-1
SO T2-7,SIN2-7,
SCK2-7
Ex t-Bus Pins
D16-31,A 00-21,
A SX,CS0X,CS1X ,
RDX,W R0X,WR1X,
RDY ,SY SCLK
S O T 0/1/8/9,S IN 0/1/8/9,
S C K 0/1/8/9
OCU0-11
ICU0-11
FRCK0-5
INT0-15,
Hi-Z Controls f or
Standby Mode
SGO0-4,SGA 0-4
TIN0- 3,TOT0-3
TRG0-5,PPG0-23
PWM1M0-5,
PWM1P0-5,
PWM2M0-5,
PWM2P0-5
TIOA 0-1,TIOB0-1
XBS Crossbar Switch
FR81s CPU Core
Instr uc tion
D ata
Flash
・MainFlash ・WorkFlash 64KB
Ext-Bus I/F
Peripheral Bridge
CRC
Sound Generator (5ch)
16
32
CAN (3ch)
Wild Register
HS_SPI (1ch)
On-Chip Bus Layer 1
Debug Interface
Regulator
Power On Reset
CR OSC
NMI
Watchdog Timer (SW and HW)
Delayed Interrupt
Interrupt Controller
Reload Timer (4ch : ch.0,1,2,3)
PPG(24ch)
LCD Controller
Stepping Motor Controller (6ch)
AD Converter
Base Timer (2ch)
CAN Prescaler
RTC/WDT1 Calibration
Free Run Timer (6ch)
Lin-UART (6ch)
Input Capture (12ch)
Output Compare (12ch)
I/O Port Setting Registers
M ultif un c tion Serial Interf ac e (4c h)
Interrupt Requests Batch Reading
DMA Request and Clear MUX
External Interrupt Request (16ch)
RTC
Bus mats ter
DMAC
Register
Bus
Perf ormance
Counter
Mode Registers
RAM
Clock Controls (Configuration
Registers, Main Timer, Sub Timer,
PLL Timer)
M P U
Clock Controls (Divide Settings)
Reset Controls
Low Power Control Registers
Clock Bridge
(PCLK1⇔PCLK2)
Clock Bridge
(PCLK1⇔PCLK2)
Bus Bridge
( 32-bit ⇔ 16-bit)
Up Down Counter (2ch)
Low Voltage Detection (Internal Power Supply)
Reload Timer (3ch : ch.4,5,6)
Clock / Bus
Bridge
RAM ECC Control (XBS-RAM)
On-Chip Bus Layer 2
Clock Supervisor
DA Converter
RAM ECC
Control
Backup
-RAM
Low Voltage Detection (External Power Supply)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com