Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F575CPMC Datasheet(PDF) 142 Page - Cypress Semiconductor

Part # MB91F575CPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F575CPMC Datasheet(HTML) 142 Page - Cypress Semiconductor

Back Button MB91F575CPMC Datasheet HTML 138Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 139Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 140Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 141Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 142Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 143Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 144Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 145Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 146Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 142 of 163
MB91570 Series
13.4.14 External bus I/F (synchronous mode) timing
(TA: Recommended operating conditions, VCC5 = VCCE = AVCC = 5.0V±10%, VSS = AVSS = 0.0V)
(External load capacitance 50pF)
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Max
Cycle time
tCYC
SYSCLK
25
–
ns
ASX delay time
tCHASL,
tCHASH
SYSCLK,
ASX
0.5
18
ns
CS0X to CS3X delay
time
tCHCSL,
tCHCSH
SYSCLK,
CS0X to CS3X
0.5
18
ns
A00 to A21 delay time
tCHAV,
tCHAX
SYSCLK,
A00 to A21
0.5
18
ns
RDX delay time
tCHRL,
tCHRH
SYSCLK,
RDX
0.5
18
ns
RDX minimum pulse
tRLRH
RDX
tCYC×
2 - 20
–
ns
RWT=1, set RWT to 1 or more. *
Data setup
→ RDX ↑
time
tDSRH
RDX,
D16 to D31
18 +
tCYC
–
ns
RWT=1, set RWT to 1 or more. *
RDX
↑→ data hold
tRHDH
0
–
ns
WRnX delay time
tCHWL,
tCHWH
SYSCLK,
WR0X, WR1X
0.5
18
ns
WRnX minimum pulse width
tWLWH
WR0X, WR1X
tCYC - 10
–
ns
WWT=0 *
SYSCLK
↑→
data output time
tCHDV
SYSCLK,
D16 to D31
0.5
18
ns
SYSCLK
↑→ data
hold time
tCHDX
–
18
ns
Set WRCS to 1 or more.
SYSCLK
↑→ address output
time
tCHMAV
SYSCLK,
D16 to D31
0.5
18
ns
SYSCLK
↑→ address hold time t
CHMAX
–
18
ns
In multiplex mode, set as follows:
Set CSWR and CSRD to 2 or more.
ASCY must satisfy the following
conditions because of setting
ADCY>ASCY and protocol violation
prevention.
ADCY + 1 ≤ ACS + CSRD
ADCY + 1 ≤ ACS + CSWR
ASCY + 1 ≤ ACS + CSRD
ASCY + 1 ≤ ACS + CSWR
Refer to Hardware Manual for details.
*: If the bus is expanded by automatic wait insertion or RDY input, add time (tCYC × the number of expanded cycles) to the rated
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com