Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F577CHPMC Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # MB91F577CHPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CHPMC Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button MB91F577CHPMC Datasheet HTML 30Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 31Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 32Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 33Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 34Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 35Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 36Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 37Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 34 of 163
MB91570 Series
Pin Number
Pin Name
I/O Circuit Type
Function Description
68
P053
I
General-Purpose I/O Port
COM3
LCDC Segment(Duty)Common Output pin
OCU11_1
Output Compare Output pin ch.11 relocation 1
69
P054
I2
General-Purpose I/O Port
V0
LCDC Reference Voltage V0 Input pin
FRCK0_1
Free-Run Timer Clock Input pin ch.0 relocation 1
70
P055
I2
General-Purpose I/O Port
V1
LCDC Reference Voltage V1 Input pin
FRCK1_1
Free-Run Timer Clock Input pin ch.1 relocation 1
71
P056
I2
General-Purpose I/O Port
V2
LCDC Reference Voltage V2 Input pin
FRCK2_1
Free-Run Timer Clock Input pin ch.2 relocation 1
72
P057
I3
General-Purpose I/O Port
V3
LCDC Reference Voltage V3 Input pin
FRCK3_1
Free-Run Timer Clock Input pin ch.3 relocation 1
73
DVCC
-
Power Supply pin for SMC high current
74
DVSS
-
GND pin for SMC high current
75
P060
K
General-Purpose I/O Port
PWM1P0
SMC Output pin ch.0
AN8
ADC Analog Input pin ch.8
76
P061
K
General-Purpose I/O Port
PWM1M0
SMC Output pin ch.0
AN9
ADC Analog Input pin ch.9
SIN1_1
Multi-function Serial Input pin ch.1 relocation 1
77
P062
K
General-Purpose I/O Port
77
PWM2P0
K
SMC Output pin ch.0
AN10
ADC Analog Input pin ch.10
SOT1_1
Multi-function Serial Output pin ch.1 relocation 1
ZIN1_1
Up/down Counter ZIN Input pin ch.1 relocation 1
78
P063
K
General-Purpose I/O Port
PWM2M0
SMC Output pin ch.0
AN11
ADC Analog Input pin ch.11
SCK1_1
Multi-function Serial Clock I/O pin ch.1 relocation 1
BIN1_1
Up/down Counter BIN Input pin ch.1 relocation 1
79
P064
K
General-Purpose I/O Port
PWM1P1
SMC Output pin ch.1
AN12
ADC Analog Input pin ch.12
SIN0_1
Multi-function Serial Input pin ch.0 relocation 1
AIN1_1
Up/down Counter AIN Input pin ch.1 relocation 1
80
P065
K
General-Purpose I/O Port
PWM1M1
SMC Output pin ch.1
AN13
ADC Analog Input pin ch.13
SOT0_1
Multi-function Serial Output pin ch.0 relocation 1
ZIN0_1
Up/down Counter ZIN Input pin ch.0 relocation 1
81
P066
K
General-Purpose I/O Port
PWM2P1
SMC Output pin ch.1
AN14
ADC Analog Input pin ch.14
SCK0_1
Multi-function Serial Clock I/O pin ch.0 relocation 1
BIN0_1
Up/down Counter BIN Input pin ch.0 relocation 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com