Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F577BSPMC1 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # MB91F577BSPMC1
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577BSPMC1 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button MB91F577BSPMC1 Datasheet HTML 2Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 3Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 4Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 5Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 6Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 7Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 8Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 9Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 6 of 163
MB91570 Series
1. Product Lineup
Product
Item
MB91F575B(S)/C(S)
MB91F575BH(S)/CH(S)
System Clock
On chip PLL Clock multiple method
Minimum instruction execution time
Around 12.5ns (80MHz)
Sub clock
Yes(Non-S series)
No(S series)
FLASH Capacity (Program)
512 + 64KB
FLASH Capacity (Work)
64KB
RAM
40KB + 8KB
BI-ROM
4KB
GDC
None
External BUS I/F
Address : 22-bit Data :16-bit
(Part of the External BUS I/F pins can select the power supply 5V or 3.3V)
DMA Controller
16 channels
Base Timer(16bit)
2 channels
Free-run Timer(32bit)
6 channels
Input capture(32bit)
12 channels
Output Compare(32bit)
12 channels
Reload Timer(16bit)
7 channels
PPG timer(16bit)
24 channels
Up/down Counter
2 channels
Clock Supervisor
Yes
D/A converter
2 channels
External Interrupt
16 channels
A/D converter (8bit/10bit)
40 channels
LIN-UART
6 channels
Multi-Function serial communication
4 channels
*1
HS-SPI
Yes
Up to 16MHz
Note: In this series, the HS-SPI function is prohibited.
LCD Controller
32seg × 4com(Static drive 8seg × 1com)
CAN
64msg × 1 channel / 32msg × 2 channels
Stepping Motor Controller
6 channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com