Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPR Datasheet(PDF) 1 Page - ETAL Group

Part # HPR
Description  water-proof and dust-proof
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

HPR Datasheet(HTML) 1 Page - ETAL Group

  HPR Datasheet HTML 1Page - ETAL Group HPR Datasheet HTML 2Page - ETAL Group HPR Datasheet HTML 3Page - ETAL Group HPR Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-t-a.de
1
Hybrid Power Relay (HPR)
1630
5
Description
The power relay HPR10 belongs to E-T-A’s product group of high-
current relays. The hybrid version also features the electro-mechanical
relay system plus an active electronic control unit for signal conditioning.
This creates a wide range of options regarding activation and func-
tionality of the power relay.
Versions
Options
Applications
Features
l
single-pole make contact
l
side mount flanges as standard version
l
extendable mounting with foot flange or side flange with
standard hole sizes and also customised mouting methods
l
standard: screw terminals for the activation
Optional functions are available, e.g.
l
ON or OFF delay
l
under-/overvoltage detection and corresponding automatic
disconnection (load shedding) or automatic reset
l
battery isolation switch or battery switch-over relay
l
switching of high-capacity loads
(examples: air-conditioning, compressor units)
l
Replacement of massive cylindrical standard automotive relays
and relays for heavy duty applications.
l
water-proof and dust-proof
l
side mount and foot mount
l
low weight
l
long life span
l
high continuous current
l
low current consumption and power loss
l
wide temperature range
l
integral free-wheeling diodes
l
barrier between main terminals
Technical data
Load circuit
Voltage rating
UN
24 V DC
Continuous current IN
100 A, 200 A, 300 A
Overload
20 s
2 × IN
1 s
8 × IN
Contact voltage
drop
max. 150 mV
(initially)
max. 175 mV
(after typical life)
Control circuit
Operating voltage
24 V DC
16 ... 32 V DC
Closed current
< 0.4 mA
Control current
2 ... 5 mA
General
Typical life 2)
mechanical
> 100,000 cycles
resistive
> 50,000 cycles (300 A)
Dielectric
strength
1050 V / 1 min
to ISO 16750-2, Code F
Insulation
resistance
> 100 MΩ (initially) to ISO 16750-2, Code F
Temperature range
-40 … +85° C
Degree of
Protection
enclosure 6K9K to ISO 20653
terminal area IP00 to ISO 20653
Vibration
57.9 m/s2 to ISO 16750-3 chapter 4.1.2.7
Shock
500 m/s2: ON position
300 m/s2: OFF position
to ISO 16750-3, chapter 4.2.2
Chemical resistance to ISO 16750-5
Oil, fuels, hydraulic liquids, alcohol, urea, extinguishing agents,
battery acid, detergents, grease, cold cleaner
Corrosion
5 % salt mist to ISO 16750-4,
chapter 5.5 code H
Humidity
85 % RH to ISO 16750-4,
chapter 5.7 code H
Flammability
meets the requirements to
ECE-R 118 02 app. 6.7
Dimensions
w x h x d (without terminals or flanges)
single pole, bistable 49.6 (62) × 91.3 × 45.8 [mm]
Mass single pole
≤ 290 g
Tightening torque
values:
M10 studs 15 Nm
M8 studs 12 Nm
M4 screws 2.0 Nm
M5 side flange 6.0 Nm
1) at rated current
2) typical for a bistable relay
Approvals
Approval authority
Logo
Directive
KBA
E1
ECE-R10


Similar Part No. - HPR

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HPR MSYSTEM-HPR Datasheet
127Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
logo
Vishay Siliconix
HPR VISHAY-HPR Datasheet
87Kb / 4P
High Pulse Wirewound Resistor, Noise Suppressor
01-Feb-18
logo
FOTEK CONTROLS CO., LTD...
HPR-100AA FOTEK-HPR-100AA Datasheet
1Mb / 6P
Single Phase High Power type DC to DC Solid State Module
HPR-100AA-H FOTEK-HPR-100AA-H Datasheet
1Mb / 6P
Single Phase High Power type DC to DC Solid State Module
HPR-100DA FOTEK-HPR-100DA Datasheet
1Mb / 6P
Single Phase High Power type DC to DC Solid State Module
More results

Similar Description - HPR

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
Water-proof Type
logo
List of Unclassifed Man...
SPL00501031ST ETC2-SPL00501031ST Datasheet
436Kb / 5P
Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
logo
TOKO, Inc
STA8121 TOKO-STA8121 Datasheet
118Kb / 1P
Dust and Water proof structure
logo
ALPS ELECTRIC CO.,LTD.
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
Water-proof Type
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
Water-proof Type
logo
Axiomtek Co., Ltd.
GOT815-834 AXIOMTEK-GOT815-834 Datasheet
452Kb / 2P
Water/dust/corrosion-proof design IP66/IP69K
logo
ETAL Group
MPR10 ETAL-MPR10 Datasheet
553Kb / 4P
water-proof and dust-proof
logo
Omron Electronics LLC
EE-SX1161-W11 OMRON-EE-SX1161-W11 Datasheet
180Kb / 2P
Dust-proof model.
logo
PHOENIX CONTACT
1212598 PHOENIX-1212598 Datasheet
45Kb / 2P
Shock-proof, dust-proof, and splash-proof housing, IP65
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com