Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3A3159 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3A3159
Description  3.0V, SOTiny 0.4??SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A3159 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3A3159 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PS8710A
06/27/04
PI3A3159
3.0V, SOTiny™ 0.4Ω
SPDT Analog Switch
Caution: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress only rating and operation of the device at these or any other conditions beyond those indicated in the operational sections of
this specification is not implied.
Absolute Maximum Ratings
Voltages Referenced to GND
VCC .................................................................... –0.5V to +3.6V
VIN, VCOM, VNC, VNO (Note 1)............... –0.5V to VCC +0.3V
or 30mA, whichever occurs first
Current (any terminal)................................................... ±200mA
Peak Current, COM, NO, NC
(Pulsed at 1ms, 10% duty cycle)................................... ±400mA
Note:
1. Signals on NC, NO, COM, or IN exceeding VCC or GND are clamped
by internal diodes. Limit forward diode current to 30mA.
Thermal Information
Continuous Power Dissipation
SOT23-6 (derate 7.1mW/ºC above +70ºC)......................... 0.5W
Storage Temperature ........................................–65ºC to +150ºC
Lead Temperature (soldering, 10s) ................................. +300ºC
Electrical Specifications - Single +3.3V Supply
(VCC = +3.3V ± 10%, GND = 0V, VIH = 1.4V, VIL = 0.5V)
Parameter
Symbol
Conditions
Package Temp. (°C) Min.(1) Typ. (2) Max. (1) Units
Analog Switch
Analog Signal Range
(3)
VANALOG
Full
0
VCC
V
On Resistance
RON
VCC = 2.7V,
ICOM = 100mA,
VNO or VNC = +1.5V
25
0.4
Ω
SOT-23
Full
0.5
TDFN
0.6
On-Resistance Match
Between Channels(4) ∆RON
25
0.08
Full
0.09
On-Resistance Flat-
ness(5)
RFLAT(ON)
VCC = 2.7V,
ICOM = 100mA,
VNO or VNC = 0.8V, 2.0V
25
0.1
Full
0.1
NO or NC Off Leak-
age Current(6)
INO(OFF) or
INC(OFF)
VCC = 3.3V, VCOM = 0V
VNO or VNC = +2.0V
25
–1
1
nA
Full
-10
10
COM On Leakage
Current(6)
ICOM(ON)
VCC = 3.3V, VCOM = +2.0V
VNO or VNC = +2.0V
25
–2
2
Full
-20
20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com