Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT3904T1G. Datasheet(PDF) 2 Page - ON Semiconductor

Part # PZT3904T1G.
Description  General Purpose Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZT3904T1G. Datasheet(HTML) 2 Page - ON Semiconductor

  PZT3904T1G. Datasheet HTML 1Page - ON Semiconductor PZT3904T1G. Datasheet HTML 2Page - ON Semiconductor PZT3904T1G. Datasheet HTML 3Page - ON Semiconductor PZT3904T1G. Datasheet HTML 4Page - ON Semiconductor PZT3904T1G. Datasheet HTML 5Page - ON Semiconductor PZT3904T1G. Datasheet HTML 6Page - ON Semiconductor PZT3904T1G. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PZT3904T1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS (Note 2)
Collector − Emitter Breakdown Voltage (Note 3) (IC = 1.0 mAdc, IB = 0)
V(BR)CEO
40
−
Vdc
Collector − Base Breakdown Voltage (IC = 10 mAdc, IE = 0)
V(BR)CBO
60
−
Emitter − Base Breakdown Voltage (IE = 10 mAdc, IC = 0)
V(BR)EBO
6.0
−
Base Cutoff Current (VCE = 30 Vdc, VEB = 3.0 Vdc)
IBL
−
50
nAdc
Collector Cutoff Current (VCE = 30 Vdc, VEB = 3.0 Vdc)
ICEX
−
50
ON CHARACTERISTICS (Note 3)
DC Current Gain (Note 2)
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 50 mAdc, VCE = 1.0 Vdc)
(IC = 100 mAdc, VCE = 1.0 Vdc)
HFE
40
70
100
60
30
−
−
300
−
−
−
Collector − Emitter Saturation Voltage (Note 3)
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VCE(sat)
−
−
0.2
0.3
Vdc
Base − Emitter Saturation Voltage (Note 3)
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VBE(sat)
0.65
−
0.85
0.95
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current − Gain − Bandwidth Product (IC = 10 mAdc, VCE = 20 Vdc, f = 100 MHz)
fT
300
−
MHz
Output Capacitance (VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
Cobo
−
5.0
pF
Input Capacitance (VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
−
8.0
Input Impedance (VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
hie
1.0
10
k
W
Voltage Feedback Ratio (VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
hre
0.5
8.0
X 10−4
Small − Signal Current Gain (VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
hfe
100
400
−
Output Admittance (VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
hoe
1.0
40
mMhos
Noise Figure (VCE = 5.0 Vdc, IC = 100 mAdc, RS = 1.0 kW, f = 1.0 kHz)
nF
−
5.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 3.0 Vdc, VBE = − 0.5 Vdc,
IC = 10 mAdc, IB1 = 1.0 mAdc)
td
−
35
ns
Rise Time
tr
−
35
Storage Time
(VCC = 3.0 Vdc,
IC = 10 mAdc, IB1 = IB2 = 1.0 mAdc)
ts
−
200
Fall Time
tf
−
50
2. FR− 5 = 1.0
 0.75  0.062 in.
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
Figure 1. Delay and Rise Time
Equivalent Test Circuit
Figure 2. Storage and Fall Time
Equivalent Test Circuit
+3 V
275
10 k
1N916
CS < 4 pF*
+3 V
275
10 k
CS < 4 pF*
< 1 ns
-0.5 V
+10.9 V
300 ns
DUTY CYCLE = 2%
< 1 ns
-9.1 V
′
+10.9 V
DUTY CYCLE = 2%
t1
0
10 < t1 < 500 ms
* Total shunt capacitance of test jig and connectors



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com