Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74STX1G08 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74STX1G08
Description  SOTiny Gate STX 2-Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74STX1G08 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74STX1G08 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74STX1G08 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74STX1G08 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74STX1G08 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
PS8565B
07/07/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74STX1G08
SOTiny™ Gate STX
2-InputAND
DC Electrical Characteristics (Over supply voltage and operating temperature ranges, unless otherwise specified)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
PV C
C
)
V
(s
n
o
i
t
i
d
n
o
C
TA
C
°
5
2
+
=TA
C
°
5
8
+
o
t
0
4
–
=
s
t
i
n
U
.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
x
a
M
V H
I
l
e
v
e
L
H
G
I
H
e
g
a
tl
o
V
t
u
p
n
I
5
9
.
1
-
5
6
.
1
5
.
5
-
3
.
2
V
5
7
.
0
C
C
V
0
7
.
0
C
C
V
5
7
.
0
C
C
V
0
7
.
0
C
C
V
V L
I
l
e
v
e
L
W
O
L
e
g
a
tl
o
V
t
u
p
n
I
5
9
.
1
-
5
6
.
1
5
.
5
-
3
.
2
V
5
2
.
0
C
C
V
0
3
.
0
C
C
V
5
2
.
0
C
C
V
0
3
.
0
C
C
V H
O
l
e
v
e
L
H
G
I
H
e
g
a
tl
o
V
t
u
p
t
u
O
5
6
.
1
8
.
1
3
.
2
0
.
3
5
.
4
V N
I
V
=
L
I
I H
O
A
µ
0
0
1
–
=5
5
.
1
7
.
1
2
.
2
9
.
2
4
.
4
5
6
.
1
9
7
.
1
9
2
.
2
9
9
.
2
5
.
4
5
5
.
1
7
.
1
2
.
2
9
.
2
4
.
4
5
6
.
1
3
.
2
0
.
3
0
.
3
5
.
4
I H
O
A
m
4
–
=
I H
O
A
m
8
–
=
I H
O
A
m
6
1
–
=
I H
O
A
m
4
2
–
=
I H
O
A
m
2
3
–
=
9
2
.
1
9
.
1
4
.
2
3
.
2
8
.
3
2
5
.
1
3
1
.
2
1
7
.
2
5
5
.
2
0
2
.
4
9
2
.
1
9
.
1
4
.
2
3
.
2
8
.
3
V L
O
l
e
v
e
L
W
O
L
e
g
a
tl
o
V
t
u
p
t
u
O
5
6
.
1
8
.
1
3
.
2
0
.
3
5
.
4
V N
I
V
=
H
I
I L
O
A
µ
0
0
1
=1
0
.
0
1
0
.
0
1
0
.
0
0
0
.
0
0
0
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
5
6
.
1
3
.
2
0
.
3
0
.
3
5
.
4
I L
O
A
m
4
=
I L
O
A
m
8
=
I L
O
A
m
6
1
=
I L
O
A
m
4
2
=
I L
O
A
m
2
3
=
8
0
.
0
0
1
.
0
8
1
.
0
8
2
.
0
8
2
.
0
4
2
.
0
3
.
0
4
.
0
5
5
.
0
5
5
.
0
4
2
.
0
3
.
0
4
.
0
5
5
.
0
5
5
.
0
I N
I
e
g
a
k
a
e
L
t
u
p
n
I
t
n
e
r
r
u
C
5
.
5
-
0V N
I
D
N
G
,
V
5
.
5
=1
–1
1
–1
A
µ
I F
F
O
f
f
O
r
e
w
o
P
t
n
e
r
r
u
C
e
g
a
k
a
e
L
0
.
0V N
I
V
r
o
T
U
O
V
5
.
5
=1
–1
1
–1
I C
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
Q
t
n
e
r
r
u
C
5
.
5
-
5
6
.
1V N
I
D
N
G
,
V
5
.
5
=0
.
20
2
Supply Voltage (VCC) .......................................... –0.5Vto+6V
DC Input Voltage (VIN) ....................................... –0.5Vto+6V
DC Output Voltage (VOUT) ................................. –0.5Vto+6V
DC Input Diode Current (IIK) ........................ –50mAto20mA
DC Output Diode Current (IOK) .................... –50mAto20mA
DC Output Current (IOUT) ........................................... ±50mA
Absolute Maximum Ratings
Note:
Absolute maximum ratings are DC values beyond which the device may be damaged or have its useful life impaired. The datasheet specifications
should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading
variables. Pericom does not recommend operation outside datasheet specifications.
DCVCC/GNDCurrent (ICC/IGND) ................................ ±50mA
Storage Temperature (TSTG) ..........................–65°Cto+150°C
Junction Lead Temperature (IOS) ................................... 200°C
Power Dissipation SOT23 ............................................ 200mW
SC70 ............................................... 150mW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com