Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7301IMX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7301IMX
Description  Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7301IMX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM7301IMX Datasheet HTML 1Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 2Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 3Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 4Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 5Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 6Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 7Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 8Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
30V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 30V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ to V
+/2.
Boldface limits apply at the temperature extremes
Typ
LM7301
Symbol
Parameter
Conditions
(Note 5)
Limit
Units
(Note 6)
V
O
Output Swing
R
L = 10 kΩ
0.16
0.275
V max
0.375
29.8
29.75
V min
28.65
I
SC
Output Short Circuit Current
Sourcing
11.7
8.8
mA
(Note 4)
6.5
min
Sinking
11.5
8.2
mA
(Note 4)
6.0
min
I
S
Supply Current
0.72
1.30
mA
1.35
max
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C.
Note 4: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(max)
−TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Typical Performance Characteristics T
A = 25˚C, RL = 1MΩ unless otherwise specified
Supply Current vs
Supply Voltage
DS012842-3
V
OS vs
Supply Voltage
DS012842-4
V
OS vs VCM
V
S = ± 1.1V
DS012842-5
V
OS vs VCM
V
S = ± 2.5V
DS012842-6
V
OS vs VCM
V
S = ± 15V
DS012842-7
Inverting Input,
Bias Current vs
Common Mode Voltage
V
S = ± 1.1V
DS012842-8
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com