| Electronic Components Datasheet Search |
|
18F452 Datasheet(PDF) 95 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
18F452 Datasheet(HTML) 95 Page - Microchip Technology |
|
95 / 332 page ![]() 2002 Microchip Technology Inc. DS39564B-page 93 PIC18FXX2 9.3 PORTC, TRISC and LATC Registers PORTC is an 8-bit wide, bi-directional port. The corre- sponding Data Direction register is TRISC. Setting a TRISC bit (= 1) will make the corresponding PORTC pin an input (i.e., put the corresponding output driver in a Hi-Impedance mode). Clearing a TRISC bit (= 0) will make the corresponding PORTC pin an output (i.e., put the contents of the output latch on the selected pin). The Data Latch register (LATC) is also memory mapped. Read-modify-write operations on the LATC register reads and writes the latched output value for PORTC. PORTC is multiplexed with several peripheral functions (Table 9-5). PORTC pins have Schmitt Trigger input buffers. When enabling peripheral functions, care should be taken in defining TRIS bits for each PORTC pin. Some peripherals override the TRIS bit to make a pin an out- put, while other peripherals override the TRIS bit to make a pin an input. The user should refer to the corre- sponding peripheral section for the correct TRIS bit settings. The pin override value is not loaded into the TRIS reg- ister. This allows read-modify-write of the TRIS register, without concern due to peripheral overrides. RC1 is normally configured by configuration bit, CCP2MX, as the default peripheral pin of the CCP2 module (default/erased state, CCP2MX = ’1’). EXAMPLE 9-3: INITIALIZING PORTC FIGURE 9-7: PORTC BLOCK DIAGRAM (PERIPHERAL OUTPUT OVERRIDE) Note: On a Power-on Reset, these pins are configured as digital inputs. CLRF PORTC ; Initialize PORTC by ; clearing output ; data latches CLRF LATC ; Alternate method ; to clear output ; data latches MOVLW 0xCF ; Value used to ; initialize data ; direction MOVWF TRISC ; Set RC<3:0> as inputs ; RC<5:4> as outputs ; RC<7:6> as inputs Data Bus WR LATC or WR TRISC RD TRISC Q D Q CK Q D EN Peripheral Data Out 0 1 Q D Q CK RD PORTC Peripheral Data In WR PORTC RD LATC Peripheral Output Schmitt Port/Peripheral Select(2) Enable(3) P N VSS VDD I/O pin(1) Note 1: I/O pins have diode protection to VDD and VSS. 2: Port/Peripheral Select signal selects between port data (input) and peripheral output. 3: Peripheral Output Enable is only active if peripheral select is active. Data Latch TRIS Latch Trigger |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |