Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7802 Datasheet(PDF) 7 Page - NEC

Part # PS7802
Description  NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7802 Datasheet(HTML) 7 Page - NEC

  PS7802 Datasheet HTML 1Page - NEC PS7802 Datasheet HTML 2Page - NEC PS7802 Datasheet HTML 3Page - NEC PS7802 Datasheet HTML 4Page - NEC PS7802 Datasheet HTML 5Page - NEC PS7802 Datasheet HTML 6Page - NEC PS7802 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PS7802-1A
(1) Infrared reflow soldering
• Peak reflow temperature
260 ûC (package surface temperature)
• Time of Peak reflow temperature
10 seconds or less
• Time of temperature higher than 220 ˚C
60 seconds or less
• Time to preheat temperature from 120 to 180 ˚C
120±30 s
•
Number of reflows
Three
•
Flux
Rosin ßux containing small amount of chlorine (The ßux with a max. chlorine content of 0.2 Wt % is recommended)
Recommended Temperature Profile of Infrared Reflow
RECOMMENDED SOLDERING CONDITIONS
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
03/16/2004
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
(heating)
t0 10 s
180
ºC
120
ºC
120±30 s
(preheating)
Time (s)
260
ºC MAX.
220
ºC
to 60 s
(2) Wave soldering
• Temperature
260 ûC or below (molten solder temperature)
• Time
10 seconds or less
•
Preheating conditions
120ûC or below (package surface temperature)
•
Number of times
One
•
Flux
Rosin ßux containing small amount of chlorine (The ßux with a max. chlorine content of 0.2 Wt % is
recommended.)
(3) Cautions
• Fluxes
Avoid removing the residual ßux with freon-based and chlorine-based cleaning solvent.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com