Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7372 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7372
Description  High Speed, High Output Current, Dual Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM7372 Datasheet HTML 1Page - National Semiconductor (TI) LM7372 Datasheet HTML 2Page - National Semiconductor (TI) LM7372 Datasheet HTML 3Page - National Semiconductor (TI) LM7372 Datasheet HTML 4Page - National Semiconductor (TI) LM7372 Datasheet HTML 5Page - National Semiconductor (TI) LM7372 Datasheet HTML 6Page - National Semiconductor (TI) LM7372 Datasheet HTML 7Page - National Semiconductor (TI) LM7372 Datasheet HTML 8Page - National Semiconductor (TI) LM7372 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
±5V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VCM = 0V and RL =1kΩ. Boldface apply at the temperature
extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
PSRR
Power Supply Rejection Ratio
V
S = ±15V to ±5V
75
70
90
dB
V
CM
Input Common-Mode Voltage Range
CMRR > 60dB
±3V
A
V
Large Signal Voltage Gain (Note 7)
R
L =1kΩ
70
65
78
dB
R
L = 100Ω
64
60
72
dB
V
O
Output Swing
R
L =1kΩ
3.2
3.0
3.4
V
−3.2
−3.0
−3.4
V
I
OUT = − 80mA
2.5
2.2
2.8
V
I
OUT = 80mA
−2.5
−2.2
−2.7
V
I
SC
Output Short Circuit Current
Sourcing
150
mA
Sinking
150
mA
I
S
Supply Current (both Amps)
12.4
16
18
mA
±5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VCM = 0V and RL =1kΩ. Boldface apply at the temperature
extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
SR
Slew Rate (Note 8)
A
V = +2, VIN 3VP-P
700
V/µs
Unity Bandwidth Product
100
MHz
−3dB Frequency
A
V = +2
125
MHz
φ
m
Phase Margin
70
deg
t
S
Settling Time (0.1%)
A
V = −1, VO = ±1V, RL =
500
Ω
70
ns
t
P
Propagation Delay
A
V = +2, VIN = ±1V, RL =
500
Ω
7ns
A
D
Differential Gain (Note 9)
0.02
%
φ
D
Differential Phase (Note 9)
0.03
deg
hd2
Second Harmonic Distortion
F
IN = 1MHz, AV =+2
V
OUT =2VP-P,RL = 100Ω
−84
dBc
hd3
Third Harmonic Distortion
F
IN = 1MHz, AV =+2
V
OUT =2VP-P,RL = 100Ω
−94
dBc
e
n
Input-Referred Voltage Noise
f = 10kHz
14
nV/
i
n
Input-Referred Current Noise
f = 10kHz
1.8
pA/
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: For testing purposes, ESD was applied using human body model, 1.5k
Ω in series with 100pF. Machine model, 0Ω in series with 200pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com