Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4350 Datasheet(PDF) 30 Page - Analog Devices

Part # ADA4350
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADA4350 Datasheet HTML 26Page - Analog Devices ADA4350 Datasheet HTML 27Page - Analog Devices ADA4350 Datasheet HTML 28Page - Analog Devices ADA4350 Datasheet HTML 29Page - Analog Devices ADA4350 Datasheet HTML 30Page - Analog Devices ADA4350 Datasheet HTML 31Page - Analog Devices ADA4350 Datasheet HTML 32Page - Analog Devices ADA4350 Datasheet HTML 33Page - Analog Devices ADA4350 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Data Sheet
ADA4350
Rev. B | Page 29 of 37
Table 14. 24-Bit Map Used in Serial Mode Operation
Bit No.
Function
Default Setting
0
S0 on/off control. Write 1 to this bit to close Switch S0.
0
1
S1 on/off control. Write 1 to this bit to close Switch S1.
0
2
S2 on/off control. Write 1 to this bit to close Switch S2.
0
3
S3 on/off control. Write 1 to this bit to close Switch S3.
0
4
S4 on/off control. Write 1 to this bit to close Switch S4.
0
5
S5 on/off control. Write 1 to this bit to close Switch S5.
0
6
S6 on/off control. Write 1 to this bit to close Switch S6.
0
7
S7 on/off control. Write 1 to this bit to close Switch S7.
0
8
S8 on/off control. Write 1 to this bit to close Switch S8.
0
9
S9 on/off control. Write 1 to this bit to close Switch S9.
0
10
S10 on/off control. Write 1 to this bit to close Switch S10.
0
11
S11 on/off control. Write 1 to this bit to close Switch S11.
0
12
Reserved. Set to logic low.
0
131
Optional internal 1 pF feedback capacitor between the inverting input and the output of the amplifier.
Write 1 to this bit to turn the capacitor on.
0
14
Disable the SDO pin. Write 1 to this bit to disable the SDO pin.
0
15
Disable the M1 amplifier. Write 1 to this bit to disable the M1 amplifier.
0
16
Reserved. Set to logic low.
0
17
Reserved. Set to logic low.
0
18
Reserved. Set to logic low.
0
19
Reserved. Set to logic low.
0
20
Reserved. Set to logic low.
0
21
Reserved. Set to logic low.
0
22
Reserved. Set to logic low.
0
23
Read/write bit. Set to 1 to read and set to 0 to write.
0
1
The optional internal 1 pF feedback capacitor provides a quick and convenient way to compensate the TIA when using a high value feedback resistor (>1 MΩ).
Table 15. Serial Mode Operation
Command (Hex Code Format, B23…B0)
Switch Closed
Gain Path Selected
00 00 41(MSB Side)
S0 and S6
FB0
00 20 41
S0 and S6
FB0, optional internal feedback capacitor on
00 00 82
S1 and S7
FB1
00 01 04
S2 and S8
FB2
00 02 08
S3 and S9
FB3
00 04 10
S4 and S10
FB4
00 08 20
S5 and S11
FB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com