Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4530-1ARZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4530-1ARZ
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4530-1ARZ Datasheet HTML 12Page - Analog Devices ADA4530-1ARZ Datasheet HTML 13Page - Analog Devices ADA4530-1ARZ Datasheet HTML 14Page - Analog Devices ADA4530-1ARZ Datasheet HTML 15Page - Analog Devices ADA4530-1ARZ Datasheet HTML 16Page - Analog Devices ADA4530-1ARZ Datasheet HTML 17Page - Analog Devices ADA4530-1ARZ Datasheet HTML 18Page - Analog Devices ADA4530-1ARZ Datasheet HTML 19Page - Analog Devices ADA4530-1ARZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Data Sheet
ADA4530-1
Rev. A | Page 15 of 50
300
–300
–200
–100
0
100
200
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VCM (V)
VSY = 4.5V
27 CHANNELS
TA = 125°C
PREFERRED
COMMON-MODE
RANGE
Figure 28. Inverting Input Bias Current (IB−) vs. Common-Mode Voltage (VCM),
VSY = 4.5 V, TA = 125°C
300
–600
–500
–400
–300
–200
–100
0
100
200
01
23
45
67
8
10
9
VCM (V)
VSY = 10V
27 CHANNELS
TA = 125°C
PREFERRED
COMMON-MODE RANGE
Figure 29. Inverting Input Bias Current (IB−) vs. Common-Mode Voltage (VCM),
VSY = 10 V, TA = 125°C
300
–300
–200
–100
0
100
200
02468
10
12
14
16
VCM (V)
VSY = 16V
27 CHANNELS
TA = 125°C
PREFERRED
COMMON-MODE RANGE
Figure 30. Inverting Input Bias Current (IB−) vs. Common-Mode Voltage (VCM),
VSY = 16 V, TA = 125°C
300
–300
–200
–100
0
100
200
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VCM (V)
VSY = 4.5V
27 CHANNELS
TA = 125°C
PREFERRED
COMMON-MODE
RANGE
Figure 31. Noninverting Input Bias Current (IB+) vs. Common-Mode Voltage (VCM),
VSY = 4.5 V, TA = 125°C
300
–600
–500
–400
–300
–200
–100
0
100
200
01
23
45
67
8
10
9
VCM (V)
VSY = 10V
27 CHANNELS
TA = 125°C
PREFERRED
COMMON-MODE RANGE
Figure 32. Noninverting Input Bias Current (IB+) vs. Common-Mode Voltage (VCM),
VSY = 10 V, TA = 125°C
300
–600
–500
–400
–300
–200
–100
0
100
200
02468
10
12
14
16
VCM (V)
VSY = 16V
27 CHANNELS
TA = 125°C
PREFERRED
COMMON-MODE RANGE
Figure 33. Noninverting Input Bias Current (IB+) vs. Common-Mode Voltage (VCM),
VSY = 16 V, TA = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com