Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5675 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5675
Description  Base station power amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5675 Datasheet HTML 9Page - Analog Devices AD5675 Datasheet HTML 10Page - Analog Devices AD5675 Datasheet HTML 11Page - Analog Devices AD5675 Datasheet HTML 12Page - Analog Devices AD5675 Datasheet HTML 13Page - Analog Devices AD5675 Datasheet HTML 14Page - Analog Devices AD5675 Datasheet HTML 15Page - Analog Devices AD5675 Datasheet HTML 16Page - Analog Devices AD5675 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AD5675
Data Sheet
Rev. B | Page 12 of 26
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
VDD = 5V
TA = 25°C
OFFSET ERROR
ZERO CODE ERROR
Figure 18. Zero Code Error and Offset Error vs. Supply Voltage
IDD FULL SCALE (mA)
0
20
40
60
80
100
120
0.83
0.85
0.87
0.89
0.91
0.93
0.95
0.97
0.99
1.01
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
Figure 19. Supply Current (IDD) Histogram
–1.4
–1.0
–0.6
–0.2
0.2
0.6
1.0
1.4
0
0.005
0.010
0.015
0.020
0.025
0.030
LOAD CURRENT (A)
SINKING, VDD = –2.7V
SINKING, VDD = –3.0V
SINKING, VDD = –5.0V
SOURCING, VDD = –5.0V
SOURCING, VDD = –3.0V
SOURCING, VDD = –2.7V
Figure 20. Headroom/Footroom (ΔVOUT) vs. Load Current
–2
–1
0
1
2
3
4
5
6
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
LOAD CURRENT (A)
0xFFFF
0x8000
0x4000
0x0000
0xC000
Figure 21. Source and Sink Capability at 5 V
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
LOAD CURRENT (A)
0xFFFF
0x4000
0x0000
0x8000
0xC000
Figure 22. Source and Sink Capability at 3 V
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
10000
20000
30000
40000
50000
60000
70000
CODE
DEVICE 1
DEVICE 2
DEVICE 3
Figure 23. Supply Current (IDD) vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com