Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8233CB-EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8233CB-EBZ
Description  Fitness and activity heart rate monitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8233CB-EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8233CB-EBZ Datasheet HTML 3Page - Analog Devices AD8233CB-EBZ Datasheet HTML 4Page - Analog Devices AD8233CB-EBZ Datasheet HTML 5Page - Analog Devices AD8233CB-EBZ Datasheet HTML 6Page - Analog Devices AD8233CB-EBZ Datasheet HTML 7Page - Analog Devices AD8233CB-EBZ Datasheet HTML 8Page - Analog Devices AD8233CB-EBZ Datasheet HTML 9Page - Analog Devices AD8233CB-EBZ Datasheet HTML 10Page - Analog Devices AD8233CB-EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
AD8233
Data Sheet
Rev. 0 | Page 6 of 29
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
3.6 V
Output Short-Circuit Current Duration
Indefinite
Maximum Voltage, Any Terminal1
+VS + 0.3 V
Minimum Voltage, Any Terminal1
−0.3 V
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Maximum Junction Temperature
140°C
ESD Rating
HBM
8 kV
Charged Device Model (FICDM)
1 kV
1 This level or the maximum specified supply voltage, whichever is the lesser,
indicates the superior voltage limit for any terminal. If input voltages beyond
the specified minimum or maximum voltages are expected, place resistors in
series with the inputs to limit the current to less than 5 mA.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
Table 4. Thermal Resistance
Package
Type
PCB
Power (W)
θJA (°C/W)
θJC
(°C/W)
0 ms
1 ms
2 ms
CP-20-13
1S0P1
0.25
108.5
89.0
82.3
0.6
1.25
101.1
87.3
87.3
0.6
2S2P2
0.25
47.9
43.4
42.1
0.7
1.25
46.8
43.3
42.1
0.7
1 Simulated thermal numbers per JESD51-9: 1-layer PCB (1S0P), low effective
thermal conductivity test board.
2 4-layer PCB (2S2P), high effective thermal conductivity test board.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com