Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2443ACPZN-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP2443ACPZN-R7
Description  Process control and industrial automation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2443ACPZN-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP2443ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
ADP2443
Data Sheet
Rev. 0 | Page 22 of 24
PRINTED CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Good PCB layout is essential for obtaining the best performance
from the ADP2443. Poor PCB layout can degrade the output
regulation, as well as the electromagnetic interface (EMI) and
electromagnetic compatibility (EMC) performance. Figure 42
shows an example of a good PCB layout for the ADP2443. For
optimum layout, refer to the following guidelines:
Use separate analog ground planes and power ground planes.
Connect the ground reference of sensitive analog circuitry,
such as output voltage divider components, compensation
components, frequency setting components, and soft start
capacitor, to analog ground (GND). In addition, connect the
ground reference of the power components, such as input
and output capacitors, to power ground (PGND). Connect
both ground planes to the exposed GND pad of the
ADP2443.
Place the input capacitor, inductor, and output capacitor as
close as possible to the IC, and use short traces.
Ensure that the high current loop traces are as short and as
wide as possible. Make the high current path from the input
capacitor through the inductor, the output capacitor, and the
power ground plane back to the input capacitor as short as
possible. To accomplish this, ensure that the input and output
capacitors share a common power ground plane.
In addition, ensure that the high current path from the power
ground plane through the inductor and output capacitor
back to the power ground plane is as short as possible by
tying the PGND pins of the ADP2443 to the PGND plane
as close as possible to the input and output capacitors.
Connect the exposed GND pad of the ADP2443 to a large,
external copper ground plane to maximize its power
dissipation capability and minimize junction temperature.
In addition, connect the exposed SW pad to the SW pins
of the ADP2443, using short, wide traces; or connect the
exposed SW pad to a large copper plane of the switching
node for high current flow.
Place the feedback resistor divider as close as possible to
the FB pin to prevent noise pickup. Minimize the length of
the trace that connects the top of the feedback resistor divider
to the output while keeping the trace away from the high
current traces and the switching node to avoid noise
pickup. To reduce noise pickup further, place an analog
ground plane on either side of the FB trace and ensure that
the trace is as short as possible to reduce the parasitic
capacitance pickup.
RC
RT
RRAMP
RBOT
RTOP
COUT
CIN
VOUT
VIN
L
CBST
CSS
CC
CVREG
GND
PGND
COMP
SS
VREG
RT/SYNC
PGOOD
RAMP
EN
PVIN
ADP2443
FB
SW
BST
Figure 41. High Current Path in the PCB Circuit
GND
PVIN
PVIN
ANALOG GROUND PLANE
RRAMP
PVIN
PVIN
BST
CBST
SW
PGND
COMP
FB
VREG
GND
SW
SW
SW
SW
OUTPUT
CAPACITOR
INDUCTOR
POWER GROUND PLANE
INPUT
BYPASS CAP
VIA
BOTTOM LAYER TRACE
COPPER PLANE
INPUT
BULK CAP
VOUT
RTOP
CVREG
Figure 42. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com