Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5020 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5020
Description  Microwave radios and very small aperture terminals
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5020 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5020 Datasheet HTML 1Page - Analog Devices ADRF5020 Datasheet HTML 2Page - Analog Devices ADRF5020 Datasheet HTML 3Page - Analog Devices ADRF5020 Datasheet HTML 4Page - Analog Devices ADRF5020 Datasheet HTML 5Page - Analog Devices ADRF5020 Datasheet HTML 6Page - Analog Devices ADRF5020 Datasheet HTML 7Page - Analog Devices ADRF5020 Datasheet HTML 8Page - Analog Devices ADRF5020 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADRF5020
Rev. A | Page 3 of 12
SPECIFICATIONS
VDD = 3.3 V to 5 V, VSS = −2.5 V, VCTRL = 0 V or 3.3 V to 5 V, VEN = 0 V or 3.3 V to 5 V, TCASE = 25°C, 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
100
30,000
MHz
INSERTION LOSS
Between RFC and RF1/RF2
100 MHz to 10 GHz
1.2
dB
10 GHz to 20 GHz
1.5
dB
20 GHz to 30 GHz
2.0
dB
ISOLATION
Between RFC and RF1/RF2
100 MHz to 10 GHz
65
dB
10 GHz to 20 GHz
60
dB
20 GHz to 30 GHz
60
dB
Between RF1 and RF2
100 MHz to 10 GHz
70
dB
10 GHz to 20 GHz
65
dB
20 GHz to 30 GHz
65
dB
RETURN LOSS
RFC and RF1/RF2 (On)
100 MHz to 10 GHz
22
dB
10 GHz to 20 GHz
16
dB
20 GHz to 30 GHz
13
dB
RF1/RF2 (Off)
100 MHz to 10 GHz
28
dB
10 GHz to 20 GHz
20
dB
20 GHz to 30 GHz
10
dB
SWITCHING
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output
2
ns
On and Off Time
tON, tOFF
50% VCTL to 90% of RF output
10
ns
RF Settling Time
0.1 dB
50% VCTL to 0.1 dB of final RF output
15
ns
0.05 dB
50% VCTL to 0.05 dB of final RF output
20
ns
INPUT LINEARITY1
600 MHz to 30 GHz
Power Compression
0.1 dB
P0.1dB
26
dBm
1 dB
P1dB
28
dBm
Third-Order Intercept
IP3
Two-tone input power = 14 dBm each tone,
Δf = 1 MHz
52
dBm
SUPPLY CURRENT
VDD, VSS pins
Positive
IDD
VDD = 3.3 V
80
300
µA
VDD = 5 V
100
600
µA
Negative
ISS
VSS = −2.5 V
<1
10
µA
DIGITAL CONTROL INPUTS
CTRL, EN pins
Voltage
Low
VINL
VDD = 3.3 V
0
0.8
V
VDD = 5 V
0.9
V
High
VINH
VDD = 3.3 V
1.2
3.3
V
VDD = 5 V
1.7
5.0
V
Current
Low and High
IINL, IINH
<1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com