Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7403BRIZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD7403BRIZ
Description  16-Bit, Isolated Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7403BRIZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7403BRIZ Datasheet HTML 17Page - Analog Devices AD7403BRIZ Datasheet HTML 18Page - Analog Devices AD7403BRIZ Datasheet HTML 19Page - Analog Devices AD7403BRIZ Datasheet HTML 20Page - Analog Devices AD7403BRIZ Datasheet HTML 21Page - Analog Devices AD7403BRIZ Datasheet HTML 22Page - Analog Devices AD7403BRIZ Datasheet HTML 23Page - Analog Devices AD7403BRIZ Datasheet HTML 24Page - Analog Devices AD7403BRIZ Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
AD7403
Data Sheet
These tests subjected the AD7403 to continuous cross isolation
voltages. To accelerate the occurrence of failures, the selected
test voltages were values exceeding those of normal use. The
time to failure values of these units were recorded and used to
calculate the acceleration factors. These factors were then used
to calculate the time to failure under the normal operating
conditions. The values shown in Table 9 are the lesser of the
following two values:
•
The value that ensures at least a 20-year lifetime of
continuous use.
•
The maximum VDE approved working voltage.
Note that the lifetime of the AD7403 varies according to the
waveform type imposed across the isolation barrier. The
iCoupler insulation structure is stressed differently, depending
on whether the waveform is bipolar ac, unipolar ac, or dc.
Figure 43, Figure 44, and Figure 45 illustrate the different
isolation voltage waveforms.
0V
RATED PEAK VOLTAGE
Figure 43. Bipolar AC Waveform, 50 Hz or 60 Hz
0V
RATED PEAK VOLTAGE
Figure 44. Unipolar AC Waveform, 50 Hz or 60 Hz
0V
RATED PEAK VOLTAGE
Figure 45. DC Waveform
Rev. B | Page 22 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com