Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9142ABCPZRL Datasheet(PDF) 72 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 65Page - Analog Devices AD9142ABCPZRL Datasheet HTML 66Page - Analog Devices AD9142ABCPZRL Datasheet HTML 67Page - Analog Devices AD9142ABCPZRL Datasheet HTML 68Page - Analog Devices AD9142ABCPZRL Datasheet HTML 69Page - Analog Devices AD9142ABCPZRL Datasheet HTML 70Page - Analog Devices AD9142ABCPZRL Datasheet HTML 71Page - Analog Devices AD9142ABCPZRL Datasheet HTML 72Page - Analog Devices AD9142ABCPZRL Datasheet HTML 73Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 72 / 73 page
background image
Data Sheet
AD9142A
Rev. A | Page 71 of 72
CLOCK GENERATION LATENCY VARIATION
The state machine of the clock generation circuitry is another
source of latency variations; this type of latency variation results
from inherent phase uncertainty of the static frequency dividers.
The divided down clock can be high or low at the rising edge of
the input clock, unless specifically forced to a known state. This
means that whenever there is interpolation (when slower clocks
must be internally generated by dividing down the DACCLK),
there is an inherent latency variation in the DAC. Figure 65 is an
example of this latency variation in 2× interpolation.
There are two phase possibilities in the DACCLK/2 clock. The
DACCLK/2 clock is used to read data from the FIFO and to drive
the interpolation filter. Regardless of which clock edge is used to
drive the digital circuit, there is a latency of one DAC clock cycle
between Case 1 and Case 2 (see Figure 65). Because the power-
on state arbitrarily falls in one of the two cases, the phase
uncertainty of the divider appears as a varying skew between two
DAC outputs.
Figure 65. Latency Variation in 2× Interpolation from Clock Generation
CORRECTING SYSTEM SKEWS
Generally, it is assumed that the input data and the DCI among
multiple devices are well aligned to each other. Depending on the
system design, the data and DCI being input into each DAC can
originate from various FPGAs or ASICs. Without synchronizing
the data sources, the output of one data source can be skewed
from that of another. The alignment between multiple data
sources can also drift over temperature.
Figure 66 shows an example of a 2-channel transmitter with two
data sources and two dual DACs. A constant but unknown phase
offset appears between the outputs of the DAC devices, even if
the DAC does not introduce any latency variations. The
multidevice synchronization in the AD9142A can be used to
compensate the skew due to misalignment of the data sources by
resetting the two sides of the FIFO independently through two
external reference clocks: the frame and the sync clock. The offset
between the two data sources is then absorbed by the FIFO and
clock generation block in the DAC. For more information about
using the multidevice synchronization function, refer to the
Synchronization Implementation section.
Figure 66. DAC Output Skew from Skewed Input Data and DCI
HB1
HB2
HB3
DACCLK
DACCLK/2
(CASE 1)
DACCLK/2
(CASE 2)
LATENCY VARIATION = 1 DACCLK CYCLE
DAC
DAC
DAC
DAC
16-BIT DATA
FRAME
DCI
16-BIT DATA
FRAME
DCI
16-BIT DATA
FRAME
DCI
DCI
16-BIT DATA
FRAME
SYNC CLOCK
4
2
DATA SKEW
DATA
GEN
DATA
GEN
MASTER
REF CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com