Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1403ITSTR Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1403ITSTR
Description  Mobile Multi-Output PWM Controller with Virtual Current SenseTM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1403ITSTR Datasheet(HTML) 5 Page - Semtech Corporation

  SC1403ITSTR Datasheet HTML 1Page - Semtech Corporation SC1403ITSTR Datasheet HTML 2Page - Semtech Corporation SC1403ITSTR Datasheet HTML 3Page - Semtech Corporation SC1403ITSTR Datasheet HTML 4Page - Semtech Corporation SC1403ITSTR Datasheet HTML 5Page - Semtech Corporation SC1403ITSTR Datasheet HTML 6Page - Semtech Corporation SC1403ITSTR Datasheet HTML 7Page - Semtech Corporation SC1403ITSTR Datasheet HTML 8Page - Semtech Corporation SC1403ITSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
 2002 Semtech Corp.
www.semtech.com
SC1403
POWER MANAGEMENT
PRELIMINARY
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
I
C
N
Y
S
,
#
N
D
H
S
,
5
N
O
,
#
E
V
A
S
P
,
3
N
O
)
L
V
r
o
V
0
=
Q
E
S
(
+1
A
µ
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
O
c
i
g
o
LA
m
4
=
K
N
I
S
I
,
#
T
E
S
E
R4
.
0V
t
n
e
r
r
u
C
h
g
i
H
t
u
p
t
u
O
c
i
g
o
LV
5
.
3
=
#
T
E
S
E
R1
A
m
e
c
n
a
t
s
i
s
e
R
n
w
o
D
-l
l
u
P
5
N
OF
E
R
=
Q
E
S
,
V
0
=
3
N
O
,
5
N
O0
0
1
Ω
e
c
r
u
o
S
/
k
n
i
S
r
e
v
ir
D
e
t
a
G
t
n
e
r
r
u
C
V
5
.
2
o
t
d
e
c
r
o
f
,
5
H
D
,
5
L
D
,
3
H
D
,
3
L
D1
A
e
c
n
a
t
s
i
s
e
R
-
n
O
r
e
v
ir
D
e
t
a
Gw
o
l
r
o
h
g
i
H5
.
17
Ω
d
l
o
h
s
e
r
h
T
p
a
lr
e
v
O
-
n
o
N
5
L
D
r
o
,
3
L
D
,
5
E
S
A
H
P
,
3
E
S
A
H
P0
.
1V
y
a
l
e
D
p
a
lr
e
v
O
-
n
o
N
L
D
f
o
e
g
d
e
g
n
i
s
ir
o
t
H
D
f
o
e
g
d
e
g
n
il
l
a
F
H
D
f
o
e
g
d
e
g
n
i
s
ir
o
t
L
D
f
o
e
g
d
e
g
n
il
l
a
F
,
L
D
d
n
a
H
D
n
o
d
l
o
h
s
e
r
h
t
V
1
(
)
H
D
r
o
L
D
n
o
e
c
n
a
ti
c
a
p
a
c
o
n
0
1
5
3
7
1
5
7
5
2
5
1
1
c
e
s
n
c
e
s
n
Unless otherwise noted: V+ = 15V, both PWMs on, SYNC = 0V, VL load = 0mA, REF load = 0mA, PSAVE# = 0V, T
A =-40 to 85°C. Typical values are at
T
A = +25°C. Circuit = Typical Application Circuit
Note:
(1) This device is ESD sensitive. Use of standard ESD handling precautions required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com