Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5090ACPZ-1-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5090ACPZ-1-R7
Description  Ultralow Power Boost Regulator with
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5090ACPZ-1-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP5090ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Ultralow Power Boost Regulator with
MPPT and Charge Management
Data Sheet
ADP5090
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Boost regulator with maximum power point tracking (MPPT)
Hysteretic controller for best ultralight load efficiency
320 nA ultralow quiescent current (CBP ≥ MINOP)
260 nA ultralow quiescent current (CBP < MINOP)
Input voltage operation range from 80 mV to 3.3 V
Cold start from 380 mV (typical) with charge pump
Open circuit voltage (OCV) sensing for MPPT
Programmable MPPT ratio for photovoltaic (PV) or
thermoelectric generator (TEG) energy sources
Programmable shutdown point on MINOP pin
Energy storage management
Programmable voltage monitor (2.2 V to 5.2 V) to support
charging and prevent overcharging or overdischarging
Power path management for an optional backup primary
cell battery connected to the BACK_UP pin
Radio frequency (RF) transmission friendly
Temporary shutdown boost regulator via microcontroller
(MCU) communication
APPLICATIONS
PV cell energy harvesting
TEG energy harvesting
Battery regulator powered by solar panel
Industrial monitoring
Self powered wireless sensor devices
Portable and wearable devices with energy harvesting
TYPICAL APPLICATION CIRCUIT
Figure 1.
GENERAL DESCRIPTION
The ADP5090 is an integrated boost regulator that converts dc
power from PV cells or TEGs. The device charges storage elements
such as rechargeable Li-Ion batteries, thin film batteries, super
capacitors, and conventional capacitors, and powers up small
electronic devices and battery-free systems.
The ADP5090 provides efficient conversion of the harvested
limited power from a 16 µW to 200 mW range with sub-µW
operation losses. With the internal cold-start circuit, the regulator
can start operating at an input voltage as low as 380 mV. After
cold startup, the regulator is functional at an input voltage range
of 80 mV to 3.3 V.
By sensing the input voltage at the VIN pin, the control loop keeps
the input voltage ripple in a fixed range to maintain stable dc-
to-dc boost conversion. The VIN OCV sensing and programmable
regulation points of the input voltage allow extraction of the
highest possible energy from the PV cell or TEG harvester. A
programmable minimum operation threshold (MINOP)
enables boost shutdown during a low light condition. In addition,
the DIS_SW pin can temporarily shut down the boost regulator
and is RF transmission friendly.
The charging control function of ADP5090 protects rechargeable
energy storage, which is achieved by monitoring the battery
voltage with programmable charging termination voltage and
shutdown discharging voltage. In addition, a programmable
PGOOD flag monitors the SYS voltage.
An optional primary cell battery can be connected and managed
by an integrated power path management control block that
automatically switches the power source from the energy harvester,
rechargeable battery, and primary cell battery.
The ADP5090 is available in a 16-lead, 3 mm × 3 mm LFCSP
and is rated for a −40°C to +125°C junction temperature range.
SW
VIN
BAT
SYS
TERM
PGOOD
SETPG
MPPT
CBP
DIS_SW
SETSD
MINOP
REF
BACK_UP
PSYS
PIN
OPTIONAL
PRIMARY
BATTERY
RECHARGEABLE
BATTERY OR
SUPERCAP
FROM MCU
TO MCU
COLD-START
CHARGE PUMP
BOOST
REGULATOR
CHARGE CONTROL
AND
POWER PATH
MANAGEMENT
MPPT
CONTROL
ADP5090
+
+
AGND PGND


Similar Part No. - ADP5090ACPZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5090-2 AD-ADP5090-2 Datasheet
386Kb / 9P
Plug and play energy harvesting platform
Rev. 0
More results

Similar Description - ADP5090ACPZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4875 MICRO-LINEAR-ML4875 Datasheet
196Kb / 10P
Low Voltage Boost Regulator with Shutdown
logo
RICOH electronics devic...
R1151N RICOH-R1151N Datasheet
265Kb / 26P
Boost type Voltage Regulator with Reset
logo
Linear Technology
LT8410 LINER-LT8410 Datasheet
260Kb / 16P
Ultralow Power Boost Converter with Output Disconnect
LT3469 LINER-LT3469_15 Datasheet
167Kb / 8P
Piezo Microactuator Driver with Boost Regulator
LT8410 LINER-LT8410_15 Datasheet
319Kb / 16P
Ultralow Power Boost Converter with Output Disconnect
LT8410-1 LINER-LT8410-1_15 Datasheet
319Kb / 16P
Ultralow Power Boost Converter with Output Disconnect
LT8415 LINER-LT8415_15 Datasheet
192Kb / 12P
Ultralow Power Boost Converter with Dual Half-Bridge Switches
logo
Texas Instruments
LP3988-Q1 TI-LP3988-Q1_15 Datasheet
952Kb / 17P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP3988-Q1 TI1-LP3988-Q1_16 Datasheet
433Kb / 15P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
logo
Analog Devices
EVAL-ADP5090 AD-EVAL-ADP5090 Datasheet
311Kb / 8P
Evaluation Board for the ADP5090 Ultralow Power Boost Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com