Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP7182AUJZ-1.8-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP7182AUJZ-1.8-R7
Description  Positive or negative enable logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7182AUJZ-1.8-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP7182AUJZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP7182AUJZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADP7182AUJZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADP7182AUJZ-1.8-R7 Datasheet HTML 18Page - Analog Devices ADP7182AUJZ-1.8-R7 Datasheet HTML 19Page - Analog Devices ADP7182AUJZ-1.8-R7 Datasheet HTML 20Page - Analog Devices ADP7182AUJZ-1.8-R7 Datasheet HTML 21Page - Analog Devices ADP7182AUJZ-1.8-R7 Datasheet HTML 22Page - Analog Devices ADP7182AUJZ-1.8-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Data Sheet
ADP7182
Rev. I | Page 19 of 31
CH1 1V BW
CH2 10mV
B
W
M2µs
A CH3
2.02V
T 10.00%
1
2
T
VOUT
VIN
Figure 69. Line Transient Response, 500 mV Step, VOUT = −5 V, ILOAD = −200 mA
CH1 1V BW
CH2 5mV
B
W
M2µs
A CH3
2.02V
T 10.00%
1
2
T
VOUT
VIN
Figure 70. Line Transient Response, 500 mV Step, VOUT = −5 V, ILOAD = −10 mA
CH1 1V BW
CH2 2mV
B
W
M4µs
A CH3
2.52V
T 10.00%
1
2
T
VOUT
VIN
Figure 71. Line Transient Response, 500 mV Step, VOUT = −15 V,
Noise Reduction Network, ILOAD = −200 mA
CH1 1V BW
CH2 2mV
B
W
M10µs
A CH3
2.52V
T 10.00%
1
2
T
VOUT
VIN
Figure 72. Line Transient Response, 500 mV Step, VOUT = −15 V,
Noise Reduction Network, ILOAD = −10 mA
CH1 100mA BW CH2 50mV
B
W
M40µs A CH1
–122mA
T 10.40%
1
2
T
VOUT
LOAD CURRENT
Figure 73. Load Transient Response, VOUT = −1.22 V, ILOAD = −1 mA to −200 mA,
Load Step = 1 A/µs
CH1 100mA BW
CH2 50mV
B
W M40µs
A CH1
–122mA
T 10.60%
1
2
T
VOUT
LOAD CURRENT
Figure 74. Load Transient Response, VOUT = −3 V, ILOAD = −1 mA to −200 mA,
Load Step = 1 A/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com