Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7171AIWM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7171AIWM
Description  Very High Speed, High Output Current, Voltage Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7171AIWM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM7171AIWM Datasheet HTML 11Page - National Semiconductor (TI) LM7171AIWM Datasheet HTML 12Page - National Semiconductor (TI) LM7171AIWM Datasheet HTML 13Page - National Semiconductor (TI) LM7171AIWM Datasheet HTML 14Page - National Semiconductor (TI) LM7171AIWM Datasheet HTML 15Page - National Semiconductor (TI) LM7171AIWM Datasheet HTML 16Page - National Semiconductor (TI) LM7171AIWM Datasheet HTML 17Page - National Semiconductor (TI) LM7171AIWM Datasheet HTML 18Page - National Semiconductor (TI) LM7171AIWM Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Power Dissipation (Continued)
For example, the total power dissipated by the LM7171 with
V
S = ±15V and output voltage of 10V into 1 kΩ is
P
D
= P
Q +PL
= (6.5 mA) x (30V) + (10 mA) x (15V − 10V)
= 195 mW+50mW
= 245 mW
Application Circuit
Fast Instrumentation Amplifier
DS012385-14
DS012385-80
Multivibrator
DS012385-15
DS012385-81
Pulse Width Modulator
DS012385-16
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com