Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUCM350 Datasheet(PDF) 25 Page - Analog Devices

Part # ADUCM350
Description  16-Bit Precision, Low Power Meter On A
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADUCM350 Datasheet HTML 21Page - Analog Devices ADUCM350 Datasheet HTML 22Page - Analog Devices ADUCM350 Datasheet HTML 23Page - Analog Devices ADUCM350 Datasheet HTML 24Page - Analog Devices ADUCM350 Datasheet HTML 25Page - Analog Devices ADUCM350 Datasheet HTML 26Page - Analog Devices ADUCM350 Datasheet HTML 27Page - Analog Devices ADUCM350 Datasheet HTML 28Page - Analog Devices ADUCM350 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
ADuCM350
Data Sheet
Rev. A | Page 24 of 40
Pin No.
Mnemonic
I/O1
I/O Supply2
GPIO
Pull-Up/Down2
Description
Miscellaneous Digital Input/Output
K8
RESETX
I
VCCM_DIG
Pull-up
Reset Pin (Active Low).
L1
P4.0/I2CSCL
I/O
VCCM_DIG
Pull-up
GPIO (External Interrupt 0)/I2C Clock. This is a
dual function pin.
L2
P4.1/I2CSD
I/O
VCCM_DIG
Pull-up
GPIO/I2C Data. This is a dual function pin.
R1
P4.2/TOUTB
I/O
VCCM_DIG
Pull-up
GPIO/Timer B Output. This is a dual function
pin.
R2
P0.10/TOUTC
I/O
VCCM_DIG
Pull-up
GPIO (External Interrupt 8)/Timer C Output.
This is a dual function pin.
K2
P0.11
I/O
VCCM_DIG
Pull-up
GPIO (External Clock Input Pin).
N2
BOOT
I
VCCM_DIG
Pull-down
The device enters serial download mode if
this pin is held high during, and for a short
time after, a reset. It executes user code after
any reset event or if the pin is low.
A1
DNC
N/A
N/A
Do Not Connect. Leave this pin floating.
Audio
K6
P3.12/BEEP/BMCLK
I/O
VCCM_DIG
Pull-down
GPIO/Beeper Output Positive/I2S Bit Clock.
This is a multifunction pin.
K7
P3.13/BEEPX/SDATA
I/O
VCCM_DIG
Pull-down
GPIO/Beeper Output Negative/I2S Serial Data
Output. This is a multifunction pin.
J6
P3.14/LRCLK
I/O
VCCM_DIG
Pull-down
GPIO/I2S Frame Clock. This is a dual function pin.
1
S is supply, A is analog input, I is digital input, O is digital output, I/O is digital input/output, and G is ground.
2
N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com