Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5421 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5421
Description  Devices Connected
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5421 Datasheet(HTML) 1 Page - Analog Devices

  AD5421 Datasheet HTML 1Page - Analog Devices AD5421 Datasheet HTML 2Page - Analog Devices AD5421 Datasheet HTML 3Page - Analog Devices AD5421 Datasheet HTML 4Page - Analog Devices AD5421 Datasheet HTML 5Page - Analog Devices AD5421 Datasheet HTML 6Page - Analog Devices AD5421 Datasheet HTML 7Page - Analog Devices AD5421 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Circuit Note
CN-0267
Circuits from the Lab™ reference circuits are engineered and
tested for quick and easy system integration to help solve today’s
analog, mixed-signal, and RF design challenges. For more
information and/or support, visit www.analog.com/CN0267.
Devices Connected/Referenced
ADuCM360
Low Power, Precision Analog
Microcontroller
AD5421
16-Bit, Loop Powered, 4 mA to 20 mA
DAC
AD5700
Low Power HART Modem
Complete 4 mA to 20 mA Loop Powered Field Instrument with HART Interface
Rev. B
Circuits from the Lab™ circuits from Analog Devices have been designed and built by Analog Devices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012–2013 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Board
CN0267 Circuit Evaluation Board (DEMO-AD5700D2Z)
Design and Integration Files
Schematics, Layout Files, Bill of Materials, Code Example
CIRCUIT FUNCTION AND BENEFITS
The circuit shown in Figure 1 is a complete smart industrial,
loop powered field instrument with 4 mA to 20 mA analog output
and a highway addressable remote transducer (HART®) interface.
HART is a digital 2-way communication in which a 1 mA peak-
to-peak frequency-shift-keyed (FSK) signal is modulated on top
of the standard 4 mA to 20 mA analog current signal. This allows
features such as remote calibration, fault interrogation, and
transmission of process variables, which are necessary in
applications such as temperature and pressure control.
This circuit has been compliance tested, verified, and registered by
the HART Communication Foundation (HCF). This successful
registration provides circuit designers with a high level of
confidence using one or all of the components in the circuit.
The circuit uses the ADuCM360, an ultralow power, precision
analog microcontroller, the AD5421, a 16-bit, 4 mA to 20 mA,
loop powered digital-to-analog converter (DAC), and the AD5700,
the industry’s lowest power and smallest footprint HART-
compliant IC modem.
Figure 1. 4 mA to 20 mA, Loop Powered Field Instrument with HART Interface (Simplified Schematic: All Connections and Decoupling Not Shown)
50Ω
DAC
LOOP–
CIN
HART_OUT
ADC_IP
DVDD
COM
AD5421
ADuCM360
REGIN
PRIMARY
SENSOR
SECONDARY
SENSOR
AD5700
ADC
VLOOP
TEMPERATURE
SENSOR
REF
IOVDD
XTAL1
CORTEX
M3
+
SRAM
FLASH
+
DMA
UART
SPI
I2C
CLOCK
RESET
WATCHDOG
IEXC
WATCHDOG
TIMER
REGOUT
20MΩ
1MΩ
4700pF
1.6Ω
10µF
10µF
470Ω
1µF
L*
L*
L*
TVS
40V
LOW
LEAKAGE
4.7V
LOW LEAKAGE
10Ω
10µF
10µF
1.2MΩ
1.2MΩ
300pF
150pF
150kΩ
0.068µF
0.22µF
1µF
SCLK
SDO
SDIN
SYNC
AIN4
AIN0
AIN3
AIN2
0.1µF
0.01µF
0.01µF
0.1µF
AIN7
1kΩ
1kΩ
1kΩ
1kΩ
1kΩ
0.1µF
1kΩ
1kΩ
0.1µF
0.01µF
0.01µF
AIN1
GND_SW
AVDD
AVDD
ADC1
RXD
TXD
CD
RTS
SCLK0
MISO0
MOSI0
CS0
SIN
P0.5
SOUT
LDAC
XTAL2
VCC
3.8664MHz
1µF
REG_CAP
AGND
DGND
EXPOSED
PAD
AGND
DGND
AGND
0.47µF
DVDD_
REG
AVDD_
REG
VREF–
VREF+
PT100
VREF
0.47µF
0.1µF
10µF
10µF
DVDD
REFOUT1
REFOUT2
P0.4
ADC0
RREF
5.62kΩ
10ppm
SPI INTERFACE
UART INTERFACE
LOOP+
LOOP–
NOTES
1. L* = FERRITE BEAD, 0.3Ω @ DC, 1kΩ @ 100MHz.
2. THE ADuCM360 EXPOSED PAD IS CONNECTED TO DGND.
VREF
DVDD
VOLTAGE
REGULATOR


Similar Part No. - AD5421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5421 AD-AD5421 Datasheet
2Mb / 22P
16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
AD5421 AD-AD5421 Datasheet
502Kb / 20P
Low Power HART Modem
REV. A
AD5421 AD-AD5421 Datasheet
407Kb / 8P
Complete 4 mA to 20 mA Loop Powered Field Instrument with HART Interface
REV. A
AD5421ACPZ-REEL7 AD-AD5421ACPZ-REEL7 Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5421AREZ AD-AD5421AREZ Datasheet
2Mb / 22P
16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
More results

Similar Description - AD5421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN0216 AD-CN0216 Datasheet
603Kb / 5P
Devices Connected
Rev. 0
CN0221 AD-CN0221 Datasheet
418Kb / 5P
Devices Connected
Rev. C
CN0253 AD-CN0253 Datasheet
135Kb / 4P
Devices Connected
Rev. A
CN0269 AD-CN0269 Datasheet
1Mb / 12P
Devices Connected
Rev. 0
CN0287 AD-CN0287 Datasheet
476Kb / 9P
Devices Connected
Rev. C
CN0326 AD-CN0326 Datasheet
519Kb / 7P
Devices Connected
Rev. 0
CN0336 AD-CN0336 Datasheet
301Kb / 7P
Devices Connected
Rev. A
CN0357 AD-CN0357 Datasheet
223Kb / 5P
Devices Connected
Rev. 0
CN0385 AD-CN0385 Datasheet
532Kb / 13P
Devices Connected
Rev. 0
CN0388 AD-CN0388 Datasheet
503Kb / 5P
Devices Connected
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com