Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7091R Datasheet(PDF) 1 Page - Analog Devices

Part # AD7091R
Description  EVALUATION AND DESIGN SUPPORT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7091R Datasheet(HTML) 1 Page - Analog Devices

  AD7091R Datasheet HTML 1Page - Analog Devices AD7091R Datasheet HTML 2Page - Analog Devices AD7091R Datasheet HTML 3Page - Analog Devices AD7091R Datasheet HTML 4Page - Analog Devices AD7091R Datasheet HTML 5Page - Analog Devices AD7091R Datasheet HTML 6Page - Analog Devices AD7091R Datasheet HTML 7Page - Analog Devices AD7091R Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Circuit Note
CN-0337
Circuits from the Lab® reference designs are engineered and
tested for quick and easysystemintegrationto helpsolve today’s
analog, mixed-signal, and RF design challenges. For more
informationand/orsupport,visit www.analog.com/CN0337.
Devices Connected/Referenced
AD8608
Precision, Low Noise, CMOS, Rail to Rail
Input/Output Quad Op Amp
AD7091R
1 MSPS, Ultralow Power, 12-Bit ADC
ADuM5401
4-Channel, 2.5 kV Isolators with
Integrated DC-to-DC Converter
12-Bit, 300 kSPS, Single-Supply, Fully Isolated RTD Temperature Measurement
System with 3-Wire Compensation
Rev. 0
CircuitsfromtheLab®referencedesignsfromAnalogDeviceshavebeendesignedandbuiltbyAnalog
Devices engineers. Standard engineering practices have been employed in the design and
constructionofeachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalab
environment at room temperature. However, you are solely responsible for testing the circuit and
determiningitssuitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshall
AnalogDevicesbeliablefordirect,indirect,special,incidental,consequentialorpunitivedamagesdue
toanycausewhatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2014 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
CN0337 Circuit Evaluation Board (EVAL-CN0337-PMDZ)
SDP/PMD Interposer Board (SDP-PMD-IB1Z)
System Demonstration Platform (EVAL-SDP-CB1Z)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
The circuit shown in Figure 1 is a completely isolated 12-bit,
300 kSPS RTD temperature measuring system that uses only
three active devices. The system processes the output of a Pt100
RTD and includes an innovative circuit for lead-wire
compensation using a standard 3-wire connection. The circuit
operates on a single 3.3 V supply. The total error after room
temperature calibration is less than ±0.24% FSR for a ±10°C
change in temperature, making it ideal for a wide variety of
industrial temperature measurements.
The small footprint of the circuit makes this combination an
industry-leading solution for temperature measurements where
accuracy, cost, and size play a critical role. Both data and power
are isolated, thereby making the circuit robust to high voltages
and also ground-loop interference often encountered in harsh
industrial environments.
The novel circuit for 3-wire RTD lead wire compensation was
developed by Hristo Ivanov Gigov, Associate Professor and PhD,
and Stanimir Krasimirov Stankov, Engineer and PhD Student,
Department of Electronic Engineering and Microelectronics,
Technical University of Varna, Varna, Bulgaria.
U1C
1/4
AD8608
U1D
1/4
AD8608
U1A
1/4
AD8608
U1B
1/4
AD8608
R5
VREF
VR
GND_ISO
TP1
0.1V TO 2.4V
+3.3V
+3.3V
ISOLATION
ADuM5401
(C-GRADE)
U3
AD7091R
J1
PMOD CON
12-PIN
J2
A
B
+3.3V
GND_ISO
GND_ISO
+3.3V
VIN
CS
SCLK
CONVST
SDO
VDRIVE
VREF
2kΩ
R10
1kΩ
R8
26.7kΩ
R4
39.2kΩ
R11
51Ω
R3
1kΩ
R1
100Ω
R1′
R6′
R1′ = R1ǁR2
R6′ = R6ǁR12
R9
1.1kΩ
R12
39.2kΩ
C10
0.1µF
C11
0.1µF
C9
4.7nF
C12
1µF
GND_ISO
GND_ISO
R2
1.91kΩ
RTD
(Pt100)
LINE
0ºC TO 300°C
100Ω TO 212.05Ω
INPUT
1
2
3
1
2
3
r
1
r
2
r
3
VISO
VOA
VOB
VOC
VSEL
VID
GNDISO
GNDISO
VDD1
VIA
VIB
VIC
RCOUT
VOD
GND1
GND1
+3.3V_IN
SS
SCK
CONVST
MISO
GND
GND
R6
2k
RX = R0 + ΔR
Figure 1. Resistance Deviation to Digital Conversion with Isolation Using Pt100 RTD Sensor
(All Connections and Decoupling Not Shown)


Similar Part No. - AD7091R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7091R AD-AD7091R Datasheet
454Kb / 20P
1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091R AD-AD7091R Datasheet
454Kb / 20P
1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
REV. C
AD7091R-2 AD-AD7091R-2 Datasheet
1Mb / 39P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
Rev. D
AD7091R-2BCPZ AD-AD7091R-2BCPZ Datasheet
861Kb / 42P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
REV. C
More results

Similar Description - AD7091R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3492 NSC-LM3492 Datasheet
607Kb / 8P
Evaluation Board Reference Design integrates a boost converter
logo
Axiomtek Co., Ltd.
RBOX100 AXIOMTEK-RBOX100 Datasheet
357Kb / 2P
Fanless and cableless design
logo
Rohm
BA4558F-DXE2 ROHM-BA4558F-DXE2 Datasheet
290Kb / 3P
Design support Document
logo
Texas Instruments
LM3407 TI1-LM3407_14 Datasheet
427Kb / 13P
Evaluation Board Reference Design
logo
List of Unclassifed Man...
KH-15 ETC2-KH-15 Datasheet
190Kb / 1P
Additional Support and Holders
logo
Analog Devices
EVAL-ADP1864 AD-EVAL-ADP1864_15 Datasheet
818Kb / 16P
Evaluation Board for ADP1864 with Web Design Tool
Rev. C
logo
STMicroelectronics
UM1806 STMICROELECTRONICS-UM1806 Datasheet
785Kb / 16P
EFL700A39 evaluation board kits and design-in board user guide
19-Jan-2015
logo
KODENSHI_AUK CORP.
PIC-A1804 KODENSHI-PIC-A1804 Datasheet
1Mb / 3P
Compact and lightweight design
logo
Freescale Semiconductor...
LS2085A FREESCALE-LS2085A Datasheet
289Kb / 2P
1U form-factor tool for evaluation and design of value-added networking applications
logo
Axiomtek Co., Ltd.
RBOX111-4COM AXIOMTEK-RBOX111-4COM_16 Datasheet
427Kb / 2P
Fanless and cableless design
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com