Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G53DCUT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G53DCUT
Description  SINGLE POLE DOUBLE THROW ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXR/DEMULTIPLEXER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G53DCUT Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC2G53DCUT Datasheet HTML 1Page - Texas Instruments SN74LVC2G53DCUT Datasheet HTML 2Page - Texas Instruments SN74LVC2G53DCUT Datasheet HTML 3Page - Texas Instruments SN74LVC2G53DCUT Datasheet HTML 4Page - Texas Instruments SN74LVC2G53DCUT Datasheet HTML 5Page - Texas Instruments SN74LVC2G53DCUT Datasheet HTML 6Page - Texas Instruments SN74LVC2G53DCUT Datasheet HTML 7Page - Texas Instruments SN74LVC2G53DCUT Datasheet HTML 8Page - Texas Instruments SN74LVC2G53DCUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SN74LVC2G53
SINGLEPOLE DOUBLETHROW (SPDT) ANALOG SWITCH OR
2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SCES324K − JULY 2001 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
V = V
or GND,
IS = 4 mA
1.65 V
13
30
ron
On-state switch resistance
VI = VCC or GND,
VINH = VIL
IS = 8 mA
2.3 V
10
20
Ω
ron
On-state switch resistance
ICC
VINH = VIL
(see Figures 1 and 2)
IS = 24 mA
3 V
8.5
17
Ω
(see Figures 1 and 2)
IS = 32 mA
4.5 V
6.5
13
V = V
to GND,
IS = 4 mA
1.65 V
86.5
120
ron(p)
Peak on-state resistance
VI = VCC to GND,
VINH = VIL
IS = 8 mA
2.3 V
23
30
Ω
ron(p)
Peak on-state resistance
ICC
VINH = VIL
(see Figures 1 and 2)
IS = 24 mA
3 V
13
20
Ω
(see Figures 1 and 2)
IS = 32 mA
4.5 V
8
15
V = V
to GND,
IS = 4 mA
1.65 V
7
∆ron
Difference of on-state resistance
VI = VCC to GND,
VC = VIH
IS = 8 mA
2.3 V
5
Ω
∆ron
Difference of on-state resistance
between switches
ICC
VC = VIH
(see Figures 1 and 2)
IS = 24 mA
3 V
3
Ω
between switches
(see Figures 1 and 2)
IS = 32 mA
4.5 V
2
IS(off)
Off-state switch leakage current
VI = VCC and VO = GND or
VI = GND and VO = VCC,
5.5 V
±1
A
IS(off)
Off-state switch leakage current
ICC
O
VI = GND and VO = VCC,
VINH = VIH (see Figure 3)
5.5 V
±0.1†
µA
IS(on)
On-state switch leakage current
VI = VCC or GND, VINH = VIL,
5.5 V
±1
A
IS(on)
On-state switch leakage current
VI = VCC or GND, VINH = VIL,
VO = Open (see Figure 4)
5.5 V
±0.1†
µA
II
Control input current
VC = VCC or GND
5.5 V
±1
µA
II
Control input current
VC = VCC or GND
5.5 V
±0.1†
µA
ICC
Supply current
VC = VCC or GND
5.5 V
1
µA
∆ICC
Supply-current change
VC = VCC − 0.6 V
5.5 V
500
µA
Cic
Control input capacitance
5 V
3.5
pF
Cio(off)
Switch input/output capacitance
Y
5 V
6.5
pF
Cio(off)
Switch input/output capacitance
COM
5 V
10
pF
Cio(on)
Switch input/output capacitance
5 V
19.5
pF
† TA = 25°C
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 5)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd‡
COM or Y
Y or COM
2
1.2
0.8
0.6
ns
ten§
INH
COM or Y
3.3
9
2.5
6.1
2.2
5.4
1.8
4.5
ns
tdis¶
INH
COM or Y
3.2
10.9
2.3
8.3
2.3
8.1
1.6
8
ns
ten§
A
COM or Y
2.9
10.3
2.1
7.2
1.9
5.8
1.3
5.4
ns
tdis¶
A
COM or Y
2.1
9.4
1.4
7.9
1.1
7.2
1
5
ns
‡ tPLH and tPHL are the same as tpd. The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and
the specified load capacitance, when driven by an ideal voltage source (zero output impedance).
§ tPZL and tPZH are the same as ten.
¶ tPLZ and tPHZ are the same as tdis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com