Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2802 Datasheet(PDF) 17 Page - Active-Semi, Inc

Part # ACT2802
Description  5V/2.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802 Datasheet(HTML) 17 Page - Active-Semi, Inc

Back Button ACT2802_16 Datasheet HTML 13Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 14Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 15Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 16Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 17Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 18Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 19Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 20Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 21Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Rev 7, 15-Jul-16
Innovative PowerTM
- 17 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2802/ACT2802B/ACT2802C
When laying out the printed circuit board, the
following checklist should be used to ensure proper
operation of the IC.
1. Arrange the power components to reduce the
AC loop size, VIN pin, Vout pin, SW pin and the
schottky diode.
2. Place input decoupling ceramic capacitor C3
and R10 as close to VIN pin as possible.
Resistor R10 is added in series with capacitor
C3 to damp the potential LC resonance .
3. Use copper plane for power GND for best heat
dissipation and noise immunity.
4. Place CSP and CSN capacitor C6 (10nF) close
to CSP and CSN pin as possible, use Kevin
Sense from sense resistor R2 and R2A to CSP
and CSN pins. 22uF decoupling capacitor is
added close to BAT pin.
5. Place the ceramic capacitor C2 and D1 as
close to VOUT and PGND as possible, SW
goes under the C2 (recommend C2 to use 1206
size). SW pad is a noisy node switching. It
should be isolated away from the rest of circuit
for good EMI and low noise operation.
6. Thermal pad is connected to GND layer through
vias (recommend 4X4 pins and the aperture is
10mil). Ground plane, PGND and AGND is
single point connected under the ACT2802/
ACT2802B/ACT2802C thermal pad through
vias to limited SW area.
7. From BAT pin to the Battery positive terminal,
need to lay the divided line to ensure the
battery voltage accuracy of sampling.
8. RC snubber is recommended to add across SW
to PGND to reduce SW spike below 7V.
3A /20V schottky is added to across VOUT and
SW pins.
A demo board PCB layout example is shown in the
figure 20.
Top Layer
Figure 20.
PCB Layout
Bottom Layer
PC Board Layout Guidance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com