Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2802CQL-T1028 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT2802CQL-T1028
Description  5V/2.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802CQL-T1028 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT2802CQL-T1028 Datasheet HTML 1Page - Active-Semi, Inc ACT2802CQL-T1028 Datasheet HTML 2Page - Active-Semi, Inc ACT2802CQL-T1028 Datasheet HTML 3Page - Active-Semi, Inc ACT2802CQL-T1028 Datasheet HTML 4Page - Active-Semi, Inc ACT2802CQL-T1028 Datasheet HTML 5Page - Active-Semi, Inc ACT2802CQL-T1028 Datasheet HTML 6Page - Active-Semi, Inc ACT2802CQL-T1028 Datasheet HTML 7Page - Active-Semi, Inc ACT2802CQL-T1028 Datasheet HTML 8Page - Active-Semi, Inc ACT2802CQL-T1028 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
FEATURES
 Dedicated Single Chip Solution for Mobile Power
With Minimal Component Count
 5V/2.5A Constant Output Current Limit in Boost
Mode
 2.5A Switching Charger Current Limit
 Programmable 4.1V to 4.35V Battery Voltage
 95% Boost Efficiency (Vbat=4.1V)
 Adaptive to 10mA-2400mA Input Sources
 Battery Disconnection at Output Short
 <10µA Low Battery Leakage Current at HZ
Mode During Storage
 Boost Auto Turn-off at No Load and Push
Button Turn-on
 Battery Over Current, Over Voltage, Over
Temperature and Short Circuit Protections
 Boost Auto Startup with Load Detection
 Up to 3.0A Input Current Limit with Prioritized
Power Path to Output
 5V+/-100mV Output Voltage in Boost Mode
 1.1MHz/0.55MHz Switching Frequencies
 2.2uH Inductor and Low Profile Ceramic
Capacitor
 4 LEDs Battery Level and Status Indication
 Battery Impedance Compensation
 Full Cycle of Battery Charge Management
Preconditioning, Fast Charge, Top off and End
of Charge
 Charge Current Foldback at 110°C Die
Temperature
 IC Over Temperature Protection at 160°C
 QFN4x4-24 Package
APPLICATIONS
 Backup Battery Pack
 Power Bank
 Mobile Power
 Standalone Battery Charger with USB Output
GENERAL DESCRIPTION
ACT2802/ACT2802B/ACT2802C is a space-saving
and
high-performance
low-profile
single-chip
solution for backup battery pack and standalone
battery charger. ACT2802/ACT2802B/ACT2802C
integrates all the functions that a backup battery
pack needs, including switching charger, boost
converter and LED indication.
ACT2802/ACT2802B/ACT2802C
operates
at
1.1MHz for switching charger and 0.55MHz for
boost converter allowing tiny external inductor and
capacitors.
ACT2802/ACT2802B/ACT2802C
provides a direct power path from input to output
with programmable current limit while providing
power to switching charger. Output has higher
priority than battery charger if the programmed
input current limit is reached.
ACT2802/ACT2802B/ACT2802C charges battery
with full cycle of preconditioning, fast charge with
constant current and constant voltage until end of
charge. The battery charger is thermally regulated
at 110°C with charge current foldback.
ACT2802/ACT2802B/ACT2802C boost converter
steps battery voltage up to 5V. Boost converter
features high efficiency, constant current regulation,
short circuit protection and over voltage protection.
ACT2802/ACT2802B/ACT2802C provides 3.5mA
constant currents to drive
4 LEDs to indicate
battery level and charge status. Battery impedance
is compensated for battery level indication.
5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2802/ACT2802B/ACT2802C
Output Current (A)
0
0.3
0.6
0.9
2.1
2.4
2.7
1.2
1.5
1.8
5.5
5.0
4.5
4.0
3.5
3.0
Boost CC/CV Profile
VBAT =4.1V
VBAT =3.2V
VBAT =3.7V
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.


Similar Part No. - ACT2802CQL-T1028

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2802CQL-T1028 ACTIVE-SEMI-ACT2802CQL-T1028 Datasheet
897Kb / 25P
5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
More results

Similar Description - ACT2802CQL-T1028

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2801QL-T0550 ACTIVE-SEMI-ACT2801QL-T0550 Datasheet
591Kb / 21P
5V/1.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
181Kb / 5P
5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
ACT2801 ACTIVE-SEMI-ACT2801_14 Datasheet
614Kb / 23P
5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
2.5A Battery Backup Power Manager
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2801 ACTIVE-SEMI-ACT2801_16 Datasheet
679Kb / 25P
5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2802QL-T1026 ACTIVE-SEMI-ACT2802QL-T1026 Datasheet
897Kb / 25P
5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2801 ACTIVE-SEMI-ACT2801_17 Datasheet
2Mb / 25P
5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
logo
Analog Devices
LTC4041 AD-LTC4041 Datasheet
965Kb / 26P
2.5A Supercapacitor Backup Power Manager
01/19-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com