Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4524 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT4524
Description  40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4524 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT4524_16 Datasheet HTML 1Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 2Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 3Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 4Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 5Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 6Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 7Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 8Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ACT4524
Rev 1.1, 22-Feb-16
Innovative PowerTM
- 2 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
ORDERING INFORMATION
PIN CONFIGURATION
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
CSP
Voltage Feedback Input. The voltage at this pin is regulated to 5.10V. Connect this pin to
the positive terminal of current sense resistor. CSP, CSN1 and CSN2 Kevin sense is
recommended.
2
CSN1 Output current sense. Connect to the negative terminal of current sense resistor for
VOUT1.
3
CSN2 Output current sense. Connect to the negative terminal of current sense resistor for
VOUT2.
4
MODE
Mode pin with internal pull up current to determine device should operate in Native,
Master, or Slave mode. If the pin is floated, the device operates in native mode; if the pin
is grounded ,the device operates in Slave mode and receives CLK signal from another
device; if the pin is connected to 82kOhm resistor, the device is configured in Master
mode.
5
CLK
Synchronization of dual chips. Two chips operate synchronously out of phase with CLK
pin connected.
6
IN
Power Supply Input. Bypass this pin with a 10μF ceramic capacitor to GND, placed as
close to the IC as possible.
7
SW
Power switching output to external inductor.
8
HSB
High Side Bias pin. This pin provides power to the internal high-side MOSFET gate driver.
Connect a 22nF capacitor from HSB pin to SW pin.
9
GND
Ground and heat dissipation pad. Connect this exposed pad to large ground copper area
and other ground planes by thermal vias.
8
7
6
5
1
2
3
4
CSP
CSN1
GND
MODE
IN
CLK
SW
HSB
EP
ACT4524
SOP-8EP
CSN2
Top View
PART NUMBER
OPERATION AMBIENT
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
ACT4524YH-T
-40°C to 85°C
SOP-8EP
8
TAPE & REEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com