Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8846 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT8846_16 Datasheet HTML 1Page - Active-Semi, Inc ACT8846_16 Datasheet HTML 2Page - Active-Semi, Inc ACT8846_16 Datasheet HTML 3Page - Active-Semi, Inc ACT8846_16 Datasheet HTML 4Page - Active-Semi, Inc ACT8846_16 Datasheet HTML 5Page - Active-Semi, Inc ACT8846_16 Datasheet HTML 6Page - Active-Semi, Inc ACT8846_16 Datasheet HTML 7Page - Active-Semi, Inc ACT8846_16 Datasheet HTML 8Page - Active-Semi, Inc ACT8846_16 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ACT8846
Rev 4, 25-May-16
Innovative PowerTM
- 4 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
PIN CONFIGURATION
TOP VIEW
Thin - QFN (TQFN66-48)
ORDERING INFORMATION
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
: Push button 10s shut down function is supported in ACT8846QM468-T and ACT8846QM490-T and ACT8846QM468-T15.
PART NUMBER
VOUT1
VOUT2 VOUT3 VOUT4 VOUT5 VOUT6 VOUT7 VOUT8 VOUT9 VOUT10 VOUT11 VOUT12 VOUT13
ACT8846QM460-T Adjustable 1.0V 1.0V 3.0V
1.0V
1.2V
1.8V
3.3V 3.3V 3.3V
1.8V
2.8V
1.8V
ACT8846QM468
-TAdjustable 1.0V 1.0V 3.0V 1.0V 1.2V 1.8V 3.3V 3.3V 3.3V 1.8V 2.8V 1.8V
ACT8846QM490-T
1.2V
3.3V 1.1V 2.0V
3.3V
1.0V
3.3V
3.3V 3.3V 1.0V
1.8V
1.8V
1.8V
ACT8846QM468
-
T15
Adjustable 1.0V 1.0V 3.0V
1.0V
1.2V
1.8V
3.3V 3.3V 3.3V
1.8V
2.8V
1.8V
ACTIVE
8846QM
DATE CODE
PACKAGE
PINS
TEMPERATURE RANGE
TQFN66-48
48
-40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com