Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC311LP3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC311LP3
Description  Microwave Radio
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC311LP3 Datasheet(HTML) 1 Page - Analog Devices

  HMC311LP3 Datasheet HTML 1Page - Analog Devices HMC311LP3 Datasheet HTML 2Page - Analog Devices HMC311LP3 Datasheet HTML 3Page - Analog Devices HMC311LP3 Datasheet HTML 4Page - Analog Devices HMC311LP3 Datasheet HTML 5Page - Analog Devices HMC311LP3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC311LP3 / 311LP3E
v05.1213
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 6 GHz
General Description
Features
Functional Diagram
The HMC311LP3(E) is a GaAs InGaP Heterojunction
Bipolar
Transistor
(HBT)
Gain
Block
MMIC
SMT DC to 6 GHz amplifiers. This 3x3mm
QFN packaged amplifier can be used as either a
cascadable 50 Ohm gain stage or to drive the LO of
HMC mixers with up to +17 dBm output power. The
HMC311LP3(E) offers 14.5 dB of gain and an output
IP3 of +32 dBm while requiring only 56 mA from a
+5V supply. The Darlington feedback pair used results
in reduced sensitivity to normal process variations
and yields excellent gain stability over temperature
while requiring a minimal number of external bias
components.
P1dB Output Power: +15.5 dBm
Output IP3: +32 dBm
Gain: 14.5 dB
50 Ohm I/O’s
16 Lead 3x3mm SMT Package: 9mm2
Typical Applications
The HMC311LP3(E) is ideal for:
• Cellular / PCS / 3G
• Fixed Wireless & WLAN
• CATV & Cable Modem
• Microwave Radio
Electrical Specifications, Vs= 5V, Rbias= 22 Ohm, T
A = +25° C
Parameter
Min.
Typ.
Max.
Units
Gain
DC - 1.0 GHz
1.0 - 4.0 GHz
4.0 - 6.0 GHz
13.0
12.5
12.0
14.5
14.3
14.0
dB
dB
dB
Gain Variation Over Temperature
DC - 2.0 GHz
2.0 - 4.0 GHz
4.0 - 6.0 GHz
0.005
0.008
0.012
0.008
0.012
0.016
dB/ °C
dB/ °C
dB/ °C
Return Loss Input / Output
DC - 1.0 GHz
1.0 - 3.0 GHz
3.0 - 6.0 GHz
13
11
15
dB
dB
dB
Reverse Isolation
DC - 6 GHz
18
dB
Output Power for 1 dB Compression (P1dB)
DC - 2.0 GHz
2.0 - 4.0 GHz
4.0 - 6.0 GHz
13.5
12.0
10.0
15.5
15.0
13.0
dBm
dBm
dBm
Output Third Order Intercept (IP3)
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 4.0 GHz
4.0 - 6.0 GHz
32
30
28
24
dBm
dBm
dBm
dBm
Noise Figure
DC - 6 GHz
4.5
dB
Supply Current (Icq)
55
74
mA
Note: Data taken with broadband bias tee on device output.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC311LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC311LP3 HITTITE-HMC311LP3 Datasheet
264Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC311LP3 HITTITE-HMC311LP3 Datasheet
233Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC311LP3 HITTITE-HMC311LP3 Datasheet
227Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
logo
Analog Devices
HMC311LP3 AD-HMC311LP3 Datasheet
320Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
logo
Hittite Microwave Corpo...
HMC311LP3E HITTITE-HMC311LP3E Datasheet
233Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
More results

Similar Description - HMC311LP3

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC203 MICROSS-HMC203 Datasheet
753Kb / 7P
Microwave Radio
HMC347 MICROSS-HMC347 Datasheet
860Kb / 9P
Microwave Radio
HMC553 MICROSS-HMC553 Datasheet
864Kb / 9P
Microwave Radio
HMC554 MICROSS-HMC554 Datasheet
874Kb / 9P
Microwave Radio
HMC556 MICROSS-HMC556 Datasheet
885Kb / 9P
Microwave Radio
HMC557 MICROSS-HMC557 Datasheet
876Kb / 9P
Microwave Radio
HMC558 MICROSS-HMC558 Datasheet
878Kb / 9P
Microwave Radio
logo
Analog Devices
HMC1093 AD-HMC1093 Datasheet
581Kb / 10P
42 GHz Microwave Radio
HMC636ST89 AD-HMC636ST89 Datasheet
393Kb / 6P
Microwave Radio
HMC311ST89 AD-HMC311ST89 Datasheet
356Kb / 6P
Microwave Radio
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com