Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4541 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TC4541
Description  13.75 - 14.5 GHz 2W MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC4541 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TC4541 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC4541 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC4541 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC4541
REV.2_04/12/2004
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 3
ABSOLUTE MAXIMUM RATINGS at 25
°°°°C
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
12 V
VGS
Gate-Source Voltage
-5 V
ID
Drain Current
3 A
PT
Continuous Dissipation
24 W
Pin
Input Power, CW
10 dBm
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
- 65
°C to +175 °C
TYPICAL BIAS CONFIGURATION
TYPICAL RF PERFORMANCE
GND
GND
GND
GND
2,4,7,9
2,4,7,9
2,4,7,9
2,4,7,9
RF IN
RF IN
RF IN
RF IN 3333
Vg
Vg
Vg
Vg
0.01 uF
0.01 uF
0.01 uF
0.01 uF
5 or 6
5 or 6
5 or 6
5 or 6
8888 RF OUT
RF OUT
RF OUT
RF OUT
0.1 uF
0.1 uF
0.1 uF
0.1 uF
Vd
Vd
Vd
Vd
1 and 10
1 and 10
1 and 10
1 and 10
24
26
28
30
32
34
13.75
14
14.25
14.5
Typical
Small
Signal
Gain (dB)
Frequency (GHz)
-20
-16
-12
-8
-4
0
13.75
14
14.25
14.5
Typical
Input/
Output
Return
Loss (dB)
Frequency (GHz)
S11
S22



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com