Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS37122 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS37122
Description  TIRIS Automotive Devices Analog Front End IC TMS37122
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS37122 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS37122 Datasheet HTML 17Page - Texas Instruments TMS37122 Datasheet HTML 18Page - Texas Instruments TMS37122 Datasheet HTML 19Page - Texas Instruments TMS37122 Datasheet HTML 20Page - Texas Instruments TMS37122 Datasheet HTML 21Page - Texas Instruments TMS37122 Datasheet HTML 22Page - Texas Instruments TMS37122 Datasheet HTML 23Page - Texas Instruments TMS37122 Datasheet HTML 24Page - Texas Instruments TMS37122 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
21
August ’01
Chapter 2. Electrical Description
Figure 8: Test Arrangement with Digital Interface Test Box and PC
The test interface consists of two input pins (TEN, TCLK) and one input/output pin (TDAT).
The digital input/output levels are referenced to VBAT, which can also be supplied via the
test interface if the battery is removed. The input TEN has a double function: after activation
of the Test Mode the programming voltage (VPP) is supplied via this pin.
TEN = 0V:
Shift data in TDAT using TCLK
TEN = VBAT: Activate Test, decode test mode and switch test signals or data to
TDAT.
TEN = VPP:
Apply programming voltage for EEPROM. TEN must already be at
VBAT, before programming voltage is applied.
TCLK = 0V:
Prepare data at TDAT
TCLK = VBAT: Shift TDAT condition at positive transition
TDAT = 0:
Low data. Change at negative transition of TCLK.
TDAT = VBAT: High data, externally supplied. Change at negative transition of TCLK.
TDAT = X:
TDAT is digital output in certain test modes.
CL
VCL
GND
WAKE
VBAT
EOBA
GND
UHF TRANSMITTER
WDEEN
VCCO
VCC
RF1
RF2
RF3
TIMER
INT/INP INT/INP
OUT
TCLK
TDAT
OUT
LR1
CR1
TEN
3-D ANALOG FRONT-END
TMS37122
MICROCOMPUTER
OUT
MOD
LR2
LR3
CR3
CR2
TX
OUT
PASSIVE ENTRY/ PASSIVE START TRANSPONDER WITH BATTERY BACKUP FUNCTION
CLKA/M
PC
15 V
POWER
SUPPLY
VAR.
POWER
SUPPLY
VAR.
POWER
SUPPLY
IEEE
3DTST01B.DRW
µC
RS232
DIGITAL
INTERFACE
TEST
BOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com