Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG-277 Datasheet(PDF) 3 Page - Analog Devices

Part # UG-277
Description  SDP-B Controller Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-277 Datasheet(HTML) 3 Page - Analog Devices

  UG-277 Datasheet HTML 1Page - Analog Devices UG-277 Datasheet HTML 2Page - Analog Devices UG-277 Datasheet HTML 3Page - Analog Devices UG-277 Datasheet HTML 4Page - Analog Devices UG-277 Datasheet HTML 5Page - Analog Devices UG-277 Datasheet HTML 6Page - Analog Devices UG-277 Datasheet HTML 7Page - Analog Devices UG-277 Datasheet HTML 8Page - Analog Devices UG-277 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SDP User Guide
UG-277
Rev. B | Page 3 of 24
PRODUCT OVERVIEW
The SDP-B board features
•
Analog Devices ADSP-BF527 Blackfin processor
•
Core performance up to 600 MHz
•
208-ball CSP-BGA package
•
24 MHz CLKIN oscillator
•
5 Mb of internal RAM memory
•
32 Mb flash memory
•
Numonyx M29W320EB or
•
Numonyx M25P32
•
SDRAM memory
•
Micron MT48LC16M16A2P-6A - 16 Mb x 16 bits
(256 Mb/32 MB)
•
3 × 120-pin small foot print connectors
•
Hirose FX8-120P-SV1(91), 120-pin header
•
Blackfin processor peripherals exposed
•
SPI
•
SPORT
•
TWI/I2C
•
GPIO
•
PPI
•
Asynchronous parallel
•
Timers
For more information, go to http://www.analog.com/sdp.
TECHNICAL OR CUSTOMER SUPPORT
You can reach Analog Devices customer support in the
following ways:
•
Visit the SDP website at
http://www.analog.com/sdp
•
Email processor questions to
•
processor.support@analog.com (worldwide support)
•
processor.europe@analog.com (Europe support)
•
processor.china@analog.com (China support)
•
Phone questions to
1-800-ANALOGD
•
Contact your Analog Devices local sales office or
authorized distributor.
•
Send questions by mail to
Analog Devices, Inc.
Three Technology Way
P.O. Box 9106
Norwood, MA 02062-9106
USA
PRODUCT INFORMATION
Product information can be obtained from the Analog Devices
website.
Analog Devices Web Site
The Analog Devices website, www.analog.com, provides
information about a broad range of products—analog
integrated circuits, amplifiers, converters, and digital signal
processors.
Note that MyAnalog.com is a free feature of the Analog Devices
website that allows customization of a web page to display only
the latest information about products of interest to you. You can
choose to receive weekly email notifications containing updates
to the web pages that meet your interests, including
documentation errata against all documents. MyAnalog.com
provides access to books, application notes, data sheets, code
examples, and more.
Visit MyAnalog.com to sign up. If you are a registered user, just
log on. Your user name is your email address.
REGULATORY COMPLIANCE
The EVAL-SDP-CB1Z is designed to be used solely in a labor-
atory environment. The board is not intended for use as a
consumer end product or as a portion of a consumer end
product. The board is an open system design, which does not
include a shielded enclosure and therefore may cause interfer-
ence to other electrical devices in close proximity. This board
should not be used in or near any medical equipment or
RF devices. Store unused boards in the protective shipping
package.
The EVAL-SDP-CB1Z board has been certified to comply with
the essential requirements of the European EMC directive
89/36/EC amended by 93/68/EEC and therefore carries the
CE mark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com