Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPR-101 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # NPR-101
Description  Harsh media compatibility
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPR-101 Datasheet(HTML) 1 Page - Amphenol Corporation

  NPR-101 Datasheet HTML 1Page - Amphenol Corporation NPR-101 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Harsh Media
Pressure Sensor
NPR-101
Features
• Harsh media compatibility
• High level output
• Small package
Applications
• Transmissionfluidpressuresensing
• Oil pressure sensing
• Fuel pressure sensing
Amphenol
Advanced Sensors
NovaSensor’s NPR-101 pressure sensor is a silicon-based MEMS device using “Backside Absolute
Pressure” technology designed for harsh media exposure, which eliminates the direct contact of the
sensing circuitry with the applied media. The device is coupled with an ASIC to provide a ratiometric output
proportional to the applied pressure. Integrated diagnostics included.


Similar Part No. - NPR-101

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NPR-MSS DOMINANT-NPR-MSS Datasheet
492Kb / 12P
AlInGaP : SPNovaLED-1 Watt (400mA)
NPR-MSS-AA DOMINANT-NPR-MSS-AA Datasheet
492Kb / 12P
AlInGaP : SPNovaLED-1 Watt (400mA)
NPR-MSS-AAB-1 DOMINANT-NPR-MSS-AAB-1 Datasheet
492Kb / 12P
AlInGaP : SPNovaLED-1 Watt (400mA)
NPR-MSS-AB DOMINANT-NPR-MSS-AB Datasheet
492Kb / 12P
AlInGaP : SPNovaLED-1 Watt (400mA)
NPR-SSS-W1 DOMINANT-NPR-SSS-W1 Datasheet
533Kb / 12P
AlInGaP : SPNovaLED
More results

Similar Description - NPR-101

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN3728 FREESCALE-AN3728 Datasheet
94Kb / 4P
Media Compatibility for IPS PRT Pressure Sensors
logo
Fairchild Semiconductor
AN-5023 FAIRCHILD-AN-5023 Datasheet
202Kb / 3P
LVDS Compatibility
logo
List of Unclassifed Man...
SM9221-030-A-D ETC2-SM9221-030-A-D Datasheet
306Kb / 4P
HARSH MEDIA ABSOLUTE PRESSURE DIE
logo
STMicroelectronics
AN3190 STMICROELECTRONICS-AN3190 Datasheet
584Kb / 56P
LQFP144 pinout compatibility analysis
17-Sep-2013
AN901 STMICROELECTRONICS-AN901 Datasheet
88Kb / 14P
Electromagnetic compatibility
1000-4-6
logo
Keysight Technologies
W9062A KEYSIGHT-W9062A Datasheet
2Mb / 5P
Language Compatibility
logo
Amphenol Corporation
P1905 AMPHENOL-P1905 Datasheet
138Kb / 2P
Harsh media compatible
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
logo
Bourns Electronic Solut...
BPS140 BOURNS-BPS140 Datasheet
447Kb / 4P
10 mm Analog High Pressure Sensor for Certain Harsh Media
logo
List of Unclassifed Man...
TDC-GP2 ETC1-TDC-GP2 Datasheet
336Kb / 6P
Migration and Compatibility Guideline
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com