Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPI-15 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # NPI-15
Description  Solid state, high reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPI-15 Datasheet(HTML) 1 Page - Amphenol Corporation

  NPI-15 Datasheet HTML 1Page - Amphenol Corporation NPI-15 Datasheet HTML 2Page - Amphenol Corporation NPI-15 Datasheet HTML 3Page - Amphenol Corporation NPI-15 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPI-15 Series
Current Driven, Media
Isolated High Pressure
Sensors
Applications
•Process control systems
•Hydraulic systems and valves
•Automobiles and trucks
•Biomedical instruments
•Refrigeration and HVAC controls
•Appliances and consumer electronics
•Ship and marine systems
•Aircraft and avionic systems
Features
•Solid state, high reliability
•High sensitivity with 200 mV typical FSO with
1.0 mA
•316L stainless steel, IsoSensor design
•Linearity 0.1% FSO typical
•Thermal accuracy 0.2% FSO typical
•Four standard ranges: 500 psi to 5,000 psi
(34 bar to 345 bar) available
•Standardconfigurationsinclude:
—1/2–20 UNF threaded male port with 1.0 in
(25.40mm)flange
—0.59 in (15 mm) diameter x 0.87 in (22 mm)
long cylinder with o-ring seals
—1/4–18NPTmaleportwith7/8inflange
—1/8–27NPTmaleportwith7/8inflange
•Thermal accuracy FSO 0.2% typical
•Customconfigurationsandotherpressure
ranges available. Please consult factory
Amphenol
Advanced Sensors


Similar Part No. - NPI-15

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPI-15A-1K-A-V AMPHENOL-NPI-15A-1K-A-V Datasheet
120Kb / 4P
Solid state, high reliability
NPI-15A-1K-S-V AMPHENOL-NPI-15A-1K-S-V Datasheet
120Kb / 4P
Solid state, high reliability
NPI-15A-3K-A-V AMPHENOL-NPI-15A-3K-A-V Datasheet
120Kb / 4P
Solid state, high reliability
NPI-15A-3K-S-V AMPHENOL-NPI-15A-3K-S-V Datasheet
120Kb / 4P
Solid state, high reliability
NPI-15A-500-A-V AMPHENOL-NPI-15A-500-A-V Datasheet
120Kb / 4P
Solid state, high reliability
More results

Similar Description - NPI-15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF_15 Datasheet
229Kb / 6P
Solid-State Reliability
logo
Amphenol Corporation
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
Solid state, high reliability
NPI-15VC AMPHENOL-NPI-15VC Datasheet
120Kb / 4P
Solid state, high reliability
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
Solid state, high reliability
NPC-410 AMPHENOL-NPC-410 Datasheet
80Kb / 4P
Solid state reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
Solid state, high reliability
P1602 AMPHENOL-P1602 Datasheet
57Kb / 2P
Solid state, high reliability
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
High reliability, solid state silicon pressure sensors
P122 AMPHENOL-P122 Datasheet
50Kb / 2P
High reliability, solid state silicon pressure sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com